Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5025-HT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025-HT
Description  LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025-HT Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF5025-HT Datasheet HTML 6Page - Texas Instruments REF5025-HT Datasheet HTML 7Page - Texas Instruments REF5025-HT Datasheet HTML 8Page - Texas Instruments REF5025-HT Datasheet HTML 9Page - Texas Instruments REF5025-HT Datasheet HTML 10Page - Texas Instruments REF5025-HT Datasheet HTML 11Page - Texas Instruments REF5025-HT Datasheet HTML 12Page - Texas Instruments REF5025-HT Datasheet HTML 13Page - Texas Instruments REF5025-HT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Drift +
V
OUTMAX
* VOUTMIN
V
OUT
Temp Range
106(ppm)
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF5025
V
TEMP
2.6mV/ C
°
OPA
(1)
NOTE: (1) Low drift op amp
+V
REF5025-HT
SBOS502D – SEPTEMBER 2009 – REVISED APRIL 2012
www.ti.com
TEMPERATURE DRIFT
The REF5025 is designed for minimal drift error,
which is defined as the change in output voltage over
temperature. The drift is calculated using the box
method, as described by the following equation:
(1)
TEMPERATURE MONITORING
The temperature output terminal (TEMP, pin 3)
provides a temperature-dependent voltage output
Figure 28. Buffering the TEMP Pin Output
with approximately 60-k
Ω source impedance. As
seen in Figure 10, the output voltage follows the
POWER DISSIPATION
nominal relationship:
VTEMP PIN = 509 mV + 2.64 × T(°C)
(2)
(2)
The REF5025 is specified to deliver current loads of
±10 mA over the specified input voltage range. The
(For –55°C to 125°C only. Refer to Figure 10 of the
temperature of the device increases according to the
TYPICAL CHARACTERISTICS for 125°C to 210°C.)
equation:
This pin indicates general chip temperature, accurate
TJ = TA + PD × θJA
(3)
(3)
to approximately ±15°C. Although it is not generally
Where:
suitable for accurate temperature measurements, it
can be used to indicate temperature changes or for
TJ = Junction temperature (°C)
temperature compensation of analog circuitry. A
TA = Ambient temperature (°C)
temperature change of 30°C corresponds to an
PD = Power dissipated (W)
approximate 79-mV change in voltage at the TEMP
θJA = Junction-to-ambient thermal resistance
pin.
(°C/W)
The TEMP pin has high output impedance (see
The REF5025 junction temperature must not exceed
Figure 24). Loading this pin with a low-impedance
the absolute maximum rating of 210°C.
circuit induces a measurement error; however, it does
not have any effect on VOUT accuracy. To avoid
NOISE PERFORMANCE
errors caused by low-impedance loading, buffer the
TEMP pin output with a suitable low-temperature drift
Typical 0.1-Hz to 10-Hz voltage noise for each
op amp as shown in Figure 28.
member of the REF5025 is specified in the Electrical
Characterisitics table. The noise voltage increases
with
output
voltage
and
operating
temperature.
Additional filtering can be used to improve output
noise levels, although care should be taken to ensure
the output impedance does not degrade performance.
10
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com