Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5025-HT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025-HT
Description  LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025-HT Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF5025-HT Datasheet HTML 5Page - Texas Instruments REF5025-HT Datasheet HTML 6Page - Texas Instruments REF5025-HT Datasheet HTML 7Page - Texas Instruments REF5025-HT Datasheet HTML 8Page - Texas Instruments REF5025-HT Datasheet HTML 9Page - Texas Instruments REF5025-HT Datasheet HTML 10Page - Texas Instruments REF5025-HT Datasheet HTML 11Page - Texas Instruments REF5025-HT Datasheet HTML 12Page - Texas Instruments REF5025-HT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
R5
60kW
REF5025
TEMP
V
OUT
GND
TRIM/NR
V
IN
aT
aT
(10mA
at +25°C)
R2
R1
R3
R4
10kW
1kW
1.2V
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF5025
+V
SUPPLY
10kW
1kW
470W
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF5025
C
BYPASS
1 F to 10 F
m
m
C
L
1 F to 50 F
m
m
+V
SUPPLY
V
OUT
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF5025
C1
1 F
m
+V
SUPPLY
REF5025-HT
www.ti.com
SBOS502D – SEPTEMBER 2009 – REVISED APRIL 2012
APPLICATION INFORMATION
The REF5025 is a low-noise, precision bandgap
voltage reference that is specifically designed for
USING THE TRIM/NR PIN
excellent initial voltage accuracy and drift. Figure 24
The REF5025 provides a very accurate voltage
shows a simplified block diagram of the REF5025.
output. However, VOUT can be adjusted to reduce
noise and shift the output voltage from the nominal
value by configuring the trim and noise reduction pin
(TRIM/NR, pin 5). The TRIM/NR pin provides a ±15-
mV
adjustment
of
the
device
bandgap,
which
produces a ±15-mV change on the VOUT pin.
Figure 26 shows a typical circuit using the TRIM/NR
pin to adjust VOUT. When using this technique, the
temperature coefficients of the resistors can degrade
the temperature drift at the output.
Figure 24. REF5025 Simplified Block Diagram
BASIC CONNECTIONS
Figure 25 shows the typical connections for the
Figure 26. VOUT Adjustment Using TRIM/NR Pin
REF5025.
A
supply
bypass
capacitor
ranging
between 1
μF to 10 μF is recommended. A 1-μF to
The REF5025 allows access to the bandgap through
50-
μF, low-ESR output capacitor (CL) must be
the TRIM/NR pin. Placing a capacitor from the
connected from VOUT to GND. The ESR value should
TRIM/NR pin to GND (as Figure 27 illustrates) in
be less than or equal to 1.5
Ω. The ESR minimizes
combination with the internal 1-k
Ω resistor creates a
gain peaking of the internal 1.2-V reference and thus
low-pass filter that lowers the overall noise measured
reduces noise at the VOUT pin.
on the VOUT pin. A capacitance of 1 μF is suggested
for a low-pass filter with a corner frequency of
14.5 Hz. Higher capacitance results in a lower cutoff
frequency.
Figure 25. Basic Connections
SUPPLY VOLTAGE
Figure 27. Noise Reduction Using TRIM/NR Pin
The
REF5025
features
extremely
low
dropout
voltage. For loaded conditions, a typical dropout
voltage versus load plot is shown in Figure 8 of
Typical Characteristics.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com