Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5025-HT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025-HT
Description  LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025-HT Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF5025-HT Datasheet HTML 2Page - Texas Instruments REF5025-HT Datasheet HTML 3Page - Texas Instruments REF5025-HT Datasheet HTML 4Page - Texas Instruments REF5025-HT Datasheet HTML 5Page - Texas Instruments REF5025-HT Datasheet HTML 6Page - Texas Instruments REF5025-HT Datasheet HTML 7Page - Texas Instruments REF5025-HT Datasheet HTML 8Page - Texas Instruments REF5025-HT Datasheet HTML 9Page - Texas Instruments REF5025-HT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-55
25
125
180
210
Temperature (°C)
10
Frequency(Hz)
160
140
120
100
80
60
40
20
0
100k
100
1k
10k
55°C
25°C
210°C
2 .4 9 4
2 .4 9 6
2 .4 9 8
2 .5
2 .5 0 2
2 .5 0 4
2 .5 0 6
2 .5 0 8
2 .5 1
2 .5 1 2
2 .5 1 4
-1 0
-5
0
5
1 0
L o ad C u rren t (m A)
-15
-10
-5
LoadCurrent(mA)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
15
0
5
10
+125 C
°
+25 C
°
-
°
40 C
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
-75
-50
-25
0
25
50
75
100
125
150
175
200
225
Temperature (°C)
600
700
800
900
1000
1100
1200
-75
-50
-25
0
25
50
75
100 125
150
175 200
225
Temperature (°C)
REF5025-HT
SBOS502D – SEPTEMBER 2009 – REVISED APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, ILOAD = 0, VS = 3.25 V (unless otherwise noted).
OUTPUT VOLTAGE ACCURACY
POWER-SUPPLY REJECTION RATIO
vs
vs
TEMPERATURE
FREQUENCY
Figure 6.
Figure 7.
OUTPUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 8.
Figure 9.
TEMP PIN OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 10.
Figure 11.
6
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com