Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5025-HT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025-HT
Description  LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025-HT Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF5025-HT Datasheet HTML 3Page - Texas Instruments REF5025-HT Datasheet HTML 4Page - Texas Instruments REF5025-HT Datasheet HTML 5Page - Texas Instruments REF5025-HT Datasheet HTML 6Page - Texas Instruments REF5025-HT Datasheet HTML 7Page - Texas Instruments REF5025-HT Datasheet HTML 8Page - Texas Instruments REF5025-HT Datasheet HTML 9Page - Texas Instruments REF5025-HT Datasheet HTML 10Page - Texas Instruments REF5025-HT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
-10
0
10
20
30
40
50
60
70
-75
-50
-25
0
25
50
75
100
125 150
175
200
225
Temperature (°C)
210°C
25°C
–55°C
600
700
800
900
1000
1100
1200
1300
1400
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VIN (V)
1s/div
Sinking
Sourcing
0
5
10
15
20
25
30
-75
-50
-25
0
25
50
75
100
125
150
175
200
Temperature (°C)
40 s/div
m
2V/div
1V/div
V
OUT
V
IN
400 s/div
m
5V/div
1V/div
V
OUT
V
IN
REF5025-HT
www.ti.com
SBOS502D – SEPTEMBER 2009 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, ILOAD = 0, VS = 3.25 V (unless otherwise noted).
QUIESCENT CURRENT
LINE REGULATION
vs
vs
INPUT VOLTAGE
TEMPERATURE
Figure 12.
Figure 13.
SHORT-CIRCUIT CURRENT
vs
TEMPERATURE
NOISE
Figure 14.
Figure 15.
STARTUP
STARTUP
(REF5025, CL = 1 μF)
(REF5025, CL = 10 μF)
Figure 16.
Figure 17.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com