Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441DEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC441DEVB
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441DEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC441DEVB Datasheet HTML 3Page - Semtech Corporation SC441DEVB Datasheet HTML 4Page - Semtech Corporation SC441DEVB Datasheet HTML 5Page - Semtech Corporation SC441DEVB Datasheet HTML 6Page - Semtech Corporation SC441DEVB Datasheet HTML 7Page - Semtech Corporation SC441DEVB Datasheet HTML 8Page - Semtech Corporation SC441DEVB Datasheet HTML 9Page - Semtech Corporation SC441DEVB Datasheet HTML 10Page - Semtech Corporation SC441DEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SC441D
7
Typical Characteristics (continued)
Temperature (oC)
Efficiency ( P
BOOST_OUTPUT / PINPUT)
Boost Section Output Current (mA)
LED Current (mA)
LED Current Source Saturation Voltage
vs. LED Current
OVPIN Threshold Voltage
vs. Temperature
PWM Dimming Minimum Pulse Width
vs. PWM Dimming Frequency
PWM Dimming Minimum Pulse Width
vs. PWM Dimming Frequency
PWM Dimming Frequency (kHz)
Condition: VIN = 2V, VOUT = 26.7V / 0mA x 4
strings
PWM Dimming Minimum Duty Cycle
vs. PWM Dimming Frequency
PWM Dimming Frequency (kHz)
VIN = 2V
LED Current source saturation voltage vs led current
Led current (ma)
TA=25
Ovpin threshold voltage vs temperature
Temperature ( )
VIN=12V
efficiency
5VIN
12VIN
21VIN
PWM Dimming Minimum Duty Cycle
vs. PWM Dimming Frequency
PWM Dimming Frequency (kHz)
Condition: VIN = 2V, VOUT = 26.7V / 0mA x 4
strings
PWM Dimming Frequency (kHz)
Condition: VIN = 2V, VOUT = 32V / 50mA x 4
strings
Minimum pulse width vs frequency
Minimum pulse width vs frequency
Minimum duty cycle vs frequency
Minimum duty cycle vs frequency
Condition: VIN = 2V, VOUT = 32V / 50mA x 4
strings
0S4P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com