Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441DEVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC441DEVB
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441DEVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC441DEVB Datasheet HTML 1Page - Semtech Corporation SC441DEVB Datasheet HTML 2Page - Semtech Corporation SC441DEVB Datasheet HTML 3Page - Semtech Corporation SC441DEVB Datasheet HTML 4Page - Semtech Corporation SC441DEVB Datasheet HTML 5Page - Semtech Corporation SC441DEVB Datasheet HTML 6Page - Semtech Corporation SC441DEVB Datasheet HTML 7Page - Semtech Corporation SC441DEVB Datasheet HTML 8Page - Semtech Corporation SC441DEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SC441D
3
Recommended Operating Conditions
Absolute Maximum Ratings
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES-
() Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
(2) Tested according to JEDEC standard JESD22-A4-B.
Electrical Characteristics
Thermal Information
V
IN Pin: Supply Voltage …………………………… -0.3 to 30V
Maximum Output Power ………………………………
22W
SW, OVPIN,, VOUT, IO~IO4 Voltage ……………
-0.3 to 45V
IOSET Voltage ……………………………………… -0.3 to 2V
SS, COMP Voltage ………………………………… -0.3 to 4V
EN, PWM, FFLAG Voltage …………………… -0.3 to V
IN +0.3V
PGND to AGND ………………………………………
± 0.3V
Peak IR Reflow Temperature …………………………… 260°C
ESD Protection Level(2) ………………………………
2.5kV
Input Voltage Range ……………………………… 4.5V~27V
Output Voltage …………………………………… Up to 42V
LED Current …………………………………… Up to 50mA
Junction to Ambient() ……………………………… 39°C/W
Maximum Junction Temperature ……………………… 50°C
Storage Temperature ………………………… -65 to +50°C
Lead Temperature (Soldering) 0 sec ………………… 260°C
Unless otherwise specified: V
IN =2V, -40°C < TA = TJ < 05°C, RIOSET=.74kW.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply
Under-Voltage Lockout Threshold
UVLO-TH
V
IN rising
4.3
4.45
V
UVLO Hysteresis
UVLO-H
250
mV
V
IN Quiescent Supply Current
I
IN_Q
No switching
3
mA
V
IN Supply Current in Shutdown
I
IN_S
EN / PWM = low

µA
Oscillator
Switching Frequency
F
S
0.56
0.7
0.84
MHz
Internal Power Switcher
Switch Current Limit
I
SW
3.0
4.
A
Switch Saturation Voltage
V
SAT
I
SW = A
200
350
mV
Switch Leakage Current
I
S_LEAK
0.
5
µA
Maximum Duty Cycle
D
MAX
88
93
%
Minimum Duty Cycle
D
MIN
0
%
Minimum On-Time()
T
ON_MIN
00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com