Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441DEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC441DEVB
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441DEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC441DEVB Datasheet HTML 13Page - Semtech Corporation SC441DEVB Datasheet HTML 14Page - Semtech Corporation SC441DEVB Datasheet HTML 15Page - Semtech Corporation SC441DEVB Datasheet HTML 16Page - Semtech Corporation SC441DEVB Datasheet HTML 17Page - Semtech Corporation SC441DEVB Datasheet HTML 18Page - Semtech Corporation SC441DEVB Datasheet HTML 19Page - Semtech Corporation SC441DEVB Datasheet HTML 20Page - Semtech Corporation SC441DEVB Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
SC441D
8
Evaluation Application Circuit
Item
Reference
Quantity
Description
Package
Part
Vendor

C, C4, C5,
C6, C7
5
50V ceramic capacitor, X7R
SM_0603
nF
Panasonic
2
C2

25V ceramic capacitor, X5R
SM_206
0uF
Panasonic
3
C8, C9
2
50V ceramic capacitor, X5R
SM_206
4.7uF
Panasonic
4
C4

25V ceramic capacitor, X5R
SM_0805
2.2uF
Panasonic
5
C5

6.3V ceramic capacitor, X7R
SM_0603
47nF
Panasonic
6
C6

6.3V ceramic capacitor, X7R
SM_0603
00nF
Panasonic
7
D

60V, 2A Schottky diode
SMA
B260
Diodes or Any
8
L

6.8μH, 3.67A
DR74
6.8μH
Copper or Any
9
R, R8, R4
3
% SMD resistor
SM_0603
0R
Any
0
R2, R3, R4, R7
4
5% SMD resistor
SM_0603
0K
Any

R5

% SMD resistor
SM_0603
220K
Any
2
R6

% SMD resistor
SM_0603
RIOSET
Any
3
R9

5% SMD resistor
SM_0603
.5K
Any
4
R9, R0, R,
R2, R3
5
5% SMD resistor
SM_0603
R
Any
6
R33

5% SMD resistor
SM_0603
59K
Any
5
U

Controller
EDP TSSOP-20
SC44D
SEMTECH
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
PWM
EN
IO1
IO2
IO3
IO4
VIN
VOUT
VIN
VOUT
VOUT
L1
6.8uH
L1
6.8uH
C8
4.7uF/50V
C8
4.7uF/50V
C15
1nF
C15
1nF
R13
1R
R13
1R
C9
4.7uF/50V
C9
4.7uF/50V
R2
10K
R2
10K
C14
1nF
C14
1nF
R4
10K
R4
10K
C1
1nF
C1
1nF
R7
10K
R7
10K
C6
100nF
C6
100nF
R1
0R
R1
0R
C2
10uF/25V
C2
10uF/25V
R33
59K
R33
59K
R9
1.5K
R9
1.5K
C7
N.P.
C7
N.P.
R12
1R
R12
1R
R19
1R
R19
1R
D1
D1
C16
1nF
C16
1nF
R6
RIOSET
R6
RIOSET
R8
0R
R8
0R
C17
1nF
C17
1nF
R11
1R
R11
1R
R5
220K
R5
220K
C5
47n
C5
47n
U1
SC441D
U1
SC441D
IO2 1
IO1 2
IOGND 3
AGND 4
SS 5
COMP 6
EN 7
IOSET 8
PWM 9
VOUT 10
FFLAG
11
VIN
12
SCP_EN
13
OVPIN
14
PGND
15
SW
16
SW
17
PGND
18
IO4
19
IO3
20
C3
N.P.
C3
N.P.
R14
0R
R14
0R
C4
2.2uF/25V
C4
2.2uF/25V
R10
1R
R10
1R
R3
10K
R3
10K
Evaluation Board Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com