Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441DEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC441DEVB
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441DEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC441DEVB Datasheet HTML 12Page - Semtech Corporation SC441DEVB Datasheet HTML 13Page - Semtech Corporation SC441DEVB Datasheet HTML 14Page - Semtech Corporation SC441DEVB Datasheet HTML 15Page - Semtech Corporation SC441DEVB Datasheet HTML 16Page - Semtech Corporation SC441DEVB Datasheet HTML 17Page - Semtech Corporation SC441DEVB Datasheet HTML 18Page - Semtech Corporation SC441DEVB Datasheet HTML 19Page - Semtech Corporation SC441DEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
SC441D
6
I
IN - Input current;
I
OUT – Output current;
V
OUT – Boost output voltage;
V
IN – Input voltage;
η – Efficiency of the boost converter.
Then the duty ratio is,
V
D – Forward conduction drop of the output rectifying
diode
WhentheboostconverterrunsinDCM(L<L
boundary), it takes
the advantages of small inductance and quick transient
response while avoiding the bandwidth limiting instability
of the RHP zero found in CCM boost converters.
The inductor peak current is,
L
F
D
V
I
S
IN
peak
-
L
=
The converter will work in CCM if L > L
boundary. Generally
the converter has higher efficiency under CCM and the
inductor peak current is,
For many applications, an inductor with value of 4.7µH to
22µH should be fine, such as for the typical case shown
on page . The inductor peak current must be less than its
saturation rating. When the inductor current is close to the
saturation level, its inductance can decrease 20% to 35%
from the 0A value depending on the vendor specifications.
Using a small value inductor forces the converter under
DCM in which case the inductor current ramps down to
zero before the end of each switching cycle. It reduces the
boost converter’s maximum output current, and produces
large input voltage ripple. An inductor with larger
inductance will reduce the bandwidth of the feedback
loop, possibly higher DC resistance (DCR). Inductor’s
DCR plays a significant role for the total efficiency since
the power transistor is integrated inside the SC44D. Of
course, there is a trade-off between the DCR and inductor
size. Table 2 lists recommended inductors and their
vendors.
Table 2. Recommended Inductors
Output Capacitor Selection
The next task in SC44D design is targeting the proper
amount of ripple voltage due to the constant-current
LED loads. The two error amplifiers that control the PWM
converter sense the delta between requested current
and actual current in each output current regulator. On
a cycle-by-cycle basis, a small amount of output ripple
ensures good sensing and tight regulation, while the
output current regulators keep each LED current at a fixed
value. Overall, this allows usage of small output caps while
ensuring precision LED current regulation. Althoughthe
mechanics of regulation and frequency dependence may
be complex, actual selection of output capacitor can be
simplified because this capacitor is mainly selected for
the output ripple of the converter. Assume a ceramic
capacitor is used. The minimum capacitance needed for a
given ripple can be estimated by,
RIPPLE
S
OUT
OUT
N
OUT
OUT
V
F
V
I
)
I
V
(V
C
V
RIPPLE – Peak to peak output ripple;
I
OUT – Output current;
V
OUT – Boost output voltage;
V
IN – Input voltage;
F
S – Switching frequency.
During load transient, the output capacitor supplies or
absorbs additional current before the inductor current
reaches its steady state value. Larger capacitance helps
with the overshoot and undershoots during load transient,
and loop stability. Recommended ceramic capacitor
manufacturers are listed in Table 3.
Inductor
Website
DR74, 4.7μH ~ 5μH
www.cooperet.com
IHLP-2525CZ-0, 4.7μ ~ 0μH
www.vishay.com
DS85LC, 6.8μH ~ 0μH
www.tokoam.com
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com