Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441DEVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC441DEVB
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441DEVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC441DEVB Datasheet HTML 1Page - Semtech Corporation SC441DEVB Datasheet HTML 2Page - Semtech Corporation SC441DEVB Datasheet HTML 3Page - Semtech Corporation SC441DEVB Datasheet HTML 4Page - Semtech Corporation SC441DEVB Datasheet HTML 5Page - Semtech Corporation SC441DEVB Datasheet HTML 6Page - Semtech Corporation SC441DEVB Datasheet HTML 7Page - Semtech Corporation SC441DEVB Datasheet HTML 8Page - Semtech Corporation SC441DEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
High Efficiency Integrated Driver for
4-Strings of 150mA LEDs
SC441D
POWER MANAGEMENT
Revision 2.0

Features
Wide input voltage range from 4.5V to 27V
42V maximum output voltage
Drives up to 40 WLEDs in 4 strings
Programmable LED current for up to 150mA per
string
+/- 2% string-to-string current matching
Up to 90% efficiency
Wide 0.2% to 00% PWM dimming range
Possible analog dimming
Integrated 3.0A power switch
700KHz switching frequency for small size
Adjustable OVP for cost-effective output cap selection
Open/short LED protection
Short LED protection disable
Thermal protection with auto-recovery
Thermally enhanced TSSOP-20 EDP package
Lead-free, Halogen-Free and WeEE/RoHS Compliant
Description
The SC44D is a high-efficiency multiple string WLED driv-
er with an integrated boost converter. It operates over a
wide input range from 4.5V to 27V with a maximum out-
put voltage of 42V and a 3.0A internal power switch. It
can drive up to forty WLEDs in 4 strings with current up
to 50mA per string. The string-to-string current match-
ing is 2% typical, 3% maximum. The overall efficiency is
greater than 90% due to the low current sense voltage
and a low-impedance internal power switch. The wide
PWM dimming range boasts a ratio of 500: .
The 700KHz switching frequency enables the user to op-
timize the external component sizes for efficiency. When
there are fewer than 0 LEDs in each string, users can ad-
just the output voltage protection yielding an allowable
reduction in associated costs, size and voltage ratings of
the output capacitor.
The SC44D also features comprehensive open and
short-circuit LED protection functions. It disables the cor-
responding strings with LED open or LED short conditions
while maintaining normal operation of other, unaffected
LED strings. This feature allows LCD panels to remain view-
able even under LED failure, wire disconnect, or short-cir-
cuit conditions. The internal thermal shutdown protects
the IC from overheating at abnormal conditions.
The SC44D is available in a thermally-enhanced TSSOP-
20 EDP package.
Typical Application Circuit
1
4
VOUT
SS
PGND
IOSET
IO1-4
COMP
OVPIN
AGND
VIN
SW
PWM
EN
SW
FFLAG
PGND
IOGND
SC441D
4 Strings
1
12
Vin (4.5V -27V)
2
EDP
PGND
IOSET
IO1- 4
COMP
SS
AGND
VOUT
OVPIN
SCP_EN
Applications
Medium-sized LCD panel
Notebook Display
Automotive Car Navigation Display
Sub-Notebook and Tablet Computer Displays
Portable Media Players


Similar Part No. - SC441DEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC441 SEMTECH-SC441 Datasheet
70Kb / 1P
High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs
SC441 SEMTECH-SC441 Datasheet
88Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A Datasheet
981Kb / 20P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A Datasheet
241Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441AEVB SEMTECH-SC441AEVB Datasheet
981Kb / 20P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
More results

Similar Description - SC441DEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC441 SEMTECH-SC441 Datasheet
70Kb / 1P
High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A Datasheet
981Kb / 20P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC440A SEMTECH-SC440A_10 Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC441A SEMTECH-SC441A_10 Datasheet
241Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441C SEMTECH-SC441C Datasheet
51Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC443 SEMTECH-SC443 Datasheet
224Kb / 1P
High Efficiency Integrated Boost Driver for 3-Strings of 30mA LEDs
SC446 SEMTECH-SC446 Datasheet
48Kb / 1P
High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
SC445 SEMTECH-SC445 Datasheet
320Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
logo
Samtec, Inc
SC446TETRT SAMTEC-SC446TETRT Datasheet
956Kb / 19P
High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
logo
Semtech Corporation
SC441TETRT SEMTECH-SC441TETRT Datasheet
88Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com