Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP2021
Description  LIN Transceiver with Voltage Regulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP2021 Datasheet HTML 18Page - Microchip Technology MCP2021 Datasheet HTML 19Page - Microchip Technology MCP2021 Datasheet HTML 20Page - Microchip Technology MCP2021 Datasheet HTML 21Page - Microchip Technology MCP2021 Datasheet HTML 22Page - Microchip Technology MCP2021 Datasheet HTML 23Page - Microchip Technology MCP2021 Datasheet HTML 24Page - Microchip Technology MCP2021 Datasheet HTML 25Page - Microchip Technology MCP2021 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
MCP2021/2/1P/2P
DS22018F-page 22
© 2005-2012 Microchip Technology Inc.
2.2
DC Specifications
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBB = 6.0V to 18.0V
TA = -40°C to +125°C
CLOADREG = 10 µF
Parameter
Sym
Min.
Typ.
Max.
Units
Conditions
Power
VBB Quiescent Operating
Current
IBBQ
115
210
µA
IOUT = 0 mA,
LBUS recessive
—
120
215
µA
VOUT = 3.3V
VBB Transmitter-off
Current
IBBTO
—
90
190
µA
With VREG on, transmitter
off, receiver on, FAULT/TXE
= VIL, CS = VIH
—95
210
µA
VOUT = 3.3V
VBB Power-Down Current
IBBPD
—16
26
µA
With VREG powered-off,
receiver on and transmitter
off, FAULT/TXE = VIH,
TXD = VIH, CS = VIL)
VBB Current with VSS
Floating
IBBNOGND
-1
—
1mA
VBB = 12V, GND to VBB,
VLIN = 0-18V
Microcontroller Interface
High Level Input Voltage
(TXD, FAULT/TXE)
VIH
2.0 or
(0.25VREG
+0.8)
—
VREG
+0.3
V
Low Level Input Voltage
(TXD, FAULT/TXE)
VIL
-0.3
—
0.15 VREG
V
High Level Input Current
(TXD, FAULT/TXE)
IIH
-2.5
—
—
µA
Input voltage = 0.8*VREG
Low Level Input Current
(TXD, FAULT/TXE)
IIL
-10
—
—
µA
Input voltage = 0.2*VREG
Pull-up Current on Input
(TXD)
IPUTXD
-3.0
—
—
µA
~800 k
Ω internal pull-up to
VREG @ VIH = 0.7*VREG
High Level Input Voltage
(CS/LWAKE)
VIH
0.7VREG
—
VBB
V
Through a current-limiting
resistor
Low Level Input Voltage
(CS/LWAKE)
VIL
-0.3
—
0.3VREG
V
High Level Input Current
(CS/LWAKE)
IIH
—
—
7.0
µA
Input voltage = 0.8*VREG
Low Level Input Current
(CS/LWAKE)
IIL
—
—
3.0
µA
Input voltage = 0.2*VREG
Pull-down Current on
Input (CS/LWAKE)
IPDCS
—
—
6.0
µA
~1.3M
Ω internal pull-down
to VSS @ VIH = 3.5V
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0
Ω, TX = 0.4 VREG, VLBUS = VBB).
2:
For design guidance only, not tested.
3:
Node has to sustain the current that can flow under this condition; bus must be operational under this
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com