Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2021
Description  LIN Transceiver with Voltage Regulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2021 Datasheet HTML 12Page - Microchip Technology MCP2021 Datasheet HTML 13Page - Microchip Technology MCP2021 Datasheet HTML 14Page - Microchip Technology MCP2021 Datasheet HTML 15Page - Microchip Technology MCP2021 Datasheet HTML 16Page - Microchip Technology MCP2021 Datasheet HTML 17Page - Microchip Technology MCP2021 Datasheet HTML 18Page - Microchip Technology MCP2021 Datasheet HTML 19Page - Microchip Technology MCP2021 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
MCP2021/2/1P/2P
DS22018F-page 16
© 2005-2012 Microchip Technology Inc.
1.6
Internal Voltage Regulator
1.6.1
5.0V REGULATOR
The MCP2021 has a low-drop-out voltage, positive reg-
ulator capable of supplying 5.00 VDC ±3% at up to
50 mA of load current over the entire operating temper-
ature range of -40°C to +125°C. With a load current of
50 mA, the minimum input to output voltage differential
required for the output to remain in regulation is typi-
cally +0.5V (+1V maximum over the full operating tem-
perature range). Quiescent current is less than 100 µA
with a full 50 mA load current when the input to output
voltage differential is greater than +3.00V.
The regulator requires an external output bypass
capacitor for stability. See Figure 2-3 for correct
capacity and ESR for stable operation.
Designed for automotive applications, the regulator will
protect itself from double-battery jumps and up to +43V
load dump transients. The voltage regulator has both
short-circuit and thermal-shut-down protection built in.
Regarding the correlation between VBB, VREG and IDD,
please refer to Figure 1-10 throughFigure 1-12. When
the input voltage (VBB) drops below the differential
needed to provide stable regulation, the output VREG
will track the input down to approximately 3.5V, at
which point the regulator will turn off. This will allow
microcontrollers with internal POR circuits to generate
a clean arming of the POR trip point. The MCP2021 will
then monitor VBB and turn on the regulator when VBB
rises above 5.75, again.
When the input voltage (VBB) drops below the differen-
tial needed to provide stable regulation, the output
VREG) will track the input down to approximately
+4.25V. The regulator will turn off the output at this
point. This will allow PIC® microcontrollers with internal
POR circuits to generate a clean arming of the POR trip
point. The regulator output will stay off until VBB is
above +5.75 VDC.
In the start phase, the device must detect at least 5.75V
to initiate operation during power up. In the Power-
Down mode, the VBB monitor will be turned off.
The regulator has a thermal shutdown. If the thermal
protection circuit detects an overtemperature condition,
and the signals TXD and RXD are LOW, or TXD is HIGH,
the regulator will shut down. The recovery from the
thermal shutdown is equal to adequate cooling time.
FIGURE 1-9:
Voltage Regulator Block Diagram.
Note:
The regulator has an overload current
limiting of approximately 100 mA. During a
short circuit, the VREG is monitored. If
VREG is lower than 3.5V, the VREG will turn
off. After a recovery time of about three
milliseconds, the VREG will be checked
again. If there is no short circuit (VREG
>3.5V), the VREG will be switched back on.
Pass
Element
Sampling
Network
Buffer
VREG
VBB
VSS
Fast
Transient
Loop
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com