Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP2021
Description  LIN Transceiver with Voltage Regulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP2021 Datasheet HTML 23Page - Microchip Technology MCP2021 Datasheet HTML 24Page - Microchip Technology MCP2021 Datasheet HTML 25Page - Microchip Technology MCP2021 Datasheet HTML 26Page - Microchip Technology MCP2021 Datasheet HTML 27Page - Microchip Technology MCP2021 Datasheet HTML 28Page - Microchip Technology MCP2021 Datasheet HTML 29Page - Microchip Technology MCP2021 Datasheet HTML 30Page - Microchip Technology MCP2021 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
© 2005-2012 Microchip Technology Inc.
DS22018F-page 27
MCP2021/2/1P/2P
2.3
AC Specification
AC CHARACTERISTICS
VBB = 6.0V to 18.0V; TA = -40°C to +125°C
Parameter
Sym
Min.
Typ.
Max.
Units
Test Conditions
Bus Interface - Constant Slope Time Parameters
Slope rising and falling
edges
tSLOPE
3.5
—
22.5
µs
7.3V <= VBB <= 18V
Propagation Delay of
Transmitter
tTRANSPD
——
4.0
µs
tTRANSPD = max (tTRANSPDR or
tTRANSPDF)
Propagation Delay of
Receiver
tRECPD
——
6.0
µs
tRECPD = max (tRECPDR or
tRECPDF)
Symmetry of Propagation
Delay of Receiver rising
edge w.r.t. falling edge
tRECSYM
-2.0
—
2.0
µs
tRECSYM = max (tRECPDF -
tRECPDR)
Symmetry of Propagation
Delay of Transmitter rising
edge w.r.t. falling edge
tTRANSSYM
-2.0
—
2.0
µs
tTRANSSYM = max (tTRANSPDF -
tTRANSPDR)
Time to sample of FAULT/
TXE for bus conflict reporting
tFAULT
——
32.5
µs
tFAULT = max (tTRANSPD +
tSLOPE + tRECPD)
Duty Cycle 1 @20.0 kbit/sec
39.6
—
—
%tBIT
CBUS;RBUS conditions:
1nF; 1 k
Ω | 6.8 nF; 660Ω |
10 nF; 500
Ω
THREC(MAX) = 0.744 x VBB,
THDOM(MAX) = 0.581 x VBB,
VBB =7.0V - 18V; tBIT = 50 µs.
D1 = tBUS_REC(MIN) / 2 x tBIT)
Duty Cycle 2 @20.0 kbit/sec
—
—
58.1
%tBIT
CBUS;RBUS conditions:
1nF; 1 k
Ω | 6.8 nF; 660Ω |
10 nF; 500
Ω
THREC(MAX) = 0.284 x VBB,
THDOM(MAX) = 0.422 x VBB,
VBB =7.6V - 18V; tBIT = 50 µs.
D2 = tBUS_REC(MAX) / 2 x tBIT)
Duty Cycle 3 @10.4 kbit/sec
41.7
—
—
%tBIT
CBUS;RBUS conditions:
1nF; 1 k
Ω | 6.8 nF; 660Ω |
10 nF; 500
Ω
THREC(MAX) = 0.778 x VBB,
THDOM(MAX) = 0.616 x VBB,
VBB =7.0V - 18V; tBIT = 96 µs.
D3 = tBUS_REC(MIN) / 2 x tBIT)
Duty Cycle 4 @10.4 kbit/sec
—
—
59.0
%tBIT
CBUS;RBUS conditions:
1nF; 1 k
Ω | 6.8 nF; 660Ω |
10 nF; 500
Ω
THREC(MAX) = 0.251 x VBB,
THDOM(MAX) = 0.389 x VBB,
VBB =7.6V - 18V; tBIT = 96 µs.
D4 = tBUS_REC(MAX) / 2 x tBIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com