Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP2021
Description  LIN Transceiver with Voltage Regulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP2021 Datasheet HTML 43Page - Microchip Technology MCP2021 Datasheet HTML 44Page - Microchip Technology MCP2021 Datasheet HTML 45Page - Microchip Technology MCP2021 Datasheet HTML 46Page - Microchip Technology MCP2021 Datasheet HTML 47Page - Microchip Technology MCP2021 Datasheet HTML 48Page - Microchip Technology MCP2021 Datasheet HTML 49Page - Microchip Technology MCP2021 Datasheet HTML 50Page - Microchip Technology MCP2021 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
© 2005-2012 Microchip Technology Inc.
DS22018F-page 47
MCP2021/2/1P/2P
APPENDIX A:
REVISION HISTORY
Revision F (January 2012)
The following modifications were made to this data
sheet:
Added the MCP2021P and MCP2022P options
and
related
information
throughout
the
document.
Revision E (February 2009)
The following is the list of modifications.
1.
Added Example 1-7 and Example 1-8.
2.
Updated Section 1.4.9 “RESET”.
3.
Updated
Section 1.7
“ICSP™
Consider-
ations”.
4.
Updated Section 2.1 “Absolute Maximum
Ratings†”.
5.
Updated Section 2.2 “DC Specifications” and
Section 2.3 “AC Specification”.
6.
Added FIGURE 2-3: “ESR Curves for Load
Capacitor Selection.”.
7.
Updated the Product Identification System
section.
Revision D (July 2008)
The following is the list of modifications.
1.
Updated ESD specs under ‘Absolute DC’.
2.
Updated notes in Example 1-1.
3.
Updated Package Outline Drawings.
Revision C (April 2008)
The following is the list of modifications.
1.
Added LIN2.1 and J2602 compliance statement
to Features section.
2.
Added recommended RC network for CS/
LWAKE in Example 1-1.
3.
Updated 2.1 Absolute Maximum Ratings to
reflect current test results.
4.
Updated 2.2 DC Specifications and 2.3 AC
Specifications to reflect current production
device.
5.
Added 8-Lead SOIC Landing Pattern Outline
drawing.
Revision B (August 2007)
The following is the list of modifications:
1.
Modified Block Diagram on page 2.
2.
Section 1.3.5
“Transmitter-OFF
Mode”:
Deleted text in 1st paragraph.
3.
Example 1-6: Removed +5V notation.
4.
Section 1.4 “Pin Descriptions”: Removed 10-
pin DFN, MSOP column from table.
5.
Section 1.4.8 “Fault/TXE”: Deleted text from
2nd paragraph.
6.
Section 3.0 “Packaging Information”: Added
8-lead 4x4 and 6x5 DFN and 14-lead TSSOP
packages. Updated package outline drawings
and added drawings for 8-lead DFN and 14-lead
TSSOP drawings.
Revision A (November 2005)
Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com