Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2021
Description  LIN Transceiver with Voltage Regulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2021 Datasheet HTML 3Page - Microchip Technology MCP2021 Datasheet HTML 4Page - Microchip Technology MCP2021 Datasheet HTML 5Page - Microchip Technology MCP2021 Datasheet HTML 6Page - Microchip Technology MCP2021 Datasheet HTML 7Page - Microchip Technology MCP2021 Datasheet HTML 8Page - Microchip Technology MCP2021 Datasheet HTML 9Page - Microchip Technology MCP2021 Datasheet HTML 10Page - Microchip Technology MCP2021 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
© 2005-2012 Microchip Technology Inc.
DS22018F-page 7
MCP2021/2/1P/2P
1.3.5
TRANSMITTER-OFF MODE
Whenever the FAULT/TXE signal is low, or permanent
dominant on TXD/LBUS is detected, the LBUS
transmitter is off.
The transmitter may be re-enabled whenever the
FAULT/TXE signal returns high, either by removing the
internal fault condition or when the CPU returning the
FAULT/TXE high. The transmitter will not be enabled if
the FAULT/TXE pin is brought high when the internal
fault is still present.
If TX-OFF mode is caused by TXD/LBUS permanent
dominant level, the transmitter can recover when the
permanent dominant status disappears.
The transmitter is also turned off whenever the voltage
regulator is unstable or recovering from a fault. This
prevents unwanted disruption of the bus during times of
uncertain operation.
1.3.6
WAKE-UP
The Wake-Up sub-module observes the LBUS in order
to detect bus activity. Bus activity is detected when the
voltage on the LBUS stays below a threshold of approx-
imately 0.4VBB for at least a typical duration of 20 µs.
The MCP2021/2 device is level sensitive to LBUS. Dom-
inant level longer than 20 µs will cause the device to
leave the Power-Down mode. The MCP2021P/2P
device is falling-edge sensitive to LBUS. Only the LBUS
transition from recessive to dominant followed by at
least 20 µs dominant level can wake up the device.
Putting CS/LWAKE to high level also wakes up the
device. Refer to Figure 1-2 and Figure 1-3.
1.3.7
DIFFERENCE DETAILS BETWEEN
MCP2021/2 AND MCP2021P/2P
The MCP202xP is a minor variation of the MCP202x
device that adds improved state machine control as
well as the ability to disconnect the internal 30k
Ω pull-
up between LIN and VBB in all modes except normal
operation. These changes allow the system designer
to better handle fault conditions and reduce the overall
system current consumption. The differences between
the two device versions are as follows:
1.
Switchable LIN-VBB Pull-Up Resistor:
On the MCP202xP device, the internal 30k
Ω
pull-up resistor is disconnected in all modes
except Operation Mode.
On the MCP202x
device, this pull-up resistor is always connected.
(See the MCP2021/2 Block Diagram and the
MCP2021P/2P Block Diagram for details.)
2.
Power Down Wake-up on LIN Traffic:
The MCP202xP device requires a LIN falling
edge to generate a valid Wake condition due to
bus traffic. The MCP202x device will generate a
Wake anytime LIN is at a valid dominant level.
Because of this, if the LIN bus becomes perma-
nently shorted, it becomes impossible to place
the MCP202x in a low power state.
3.
State Machine Options:
The MCP202xP device is able to enter Trans-
mitter Off Mode from Ready Mode without tran-
sitioning
through
Operation
Mode.
The
MCP202x device must enter Operation Mode
from Ready Mode. (See State Machine Dia-
grams, Figure 1-2 and Figure 1-3 for details).
This capability allows the system designer to
monitor the bus in Ready Mode to determine if
the system should transition to normal operation
and connect the internal pull-up or if Ready
Mode was reached due to an invalid condition.
In the case of an invalid condition, the
MCP202xP device can be placed into Power
Down mode without connecting the internal pull-
up and waking other nodes on the LIN Bus net-
work.
To properly take advantage of the device differences
will require the system designer to implement some
microcontroller code to the power-up routine. This code
will monitor the status of the LIN bus to determine how
the dominant signal should be responded to. It will also
determine if the local LIN node needs to respond or can
‘Listen Only’. If the local LIN node does not need to
respond, it can enter Transmitter Off Mode, disconnect-
ing the 30k
Ω pull-up, reducing module current while still
maintaining the ability to properly receive all valid LIN
messages.
Note:
To enter Transmitter Off, the system must
set TXE ‘low’ before pulling CS high (see
Figure 1-5). Otherwise, if CS is pulled high
first, the MCP202xP will enter Operation
Mode due to the internal pull-up on TXE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com