Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DF06S
Description  High Power Factor LED Replacement T8 Fluorescent Tube
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF06S Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DF06S Datasheet HTML 2Page - Diodes Incorporated DF06S Datasheet HTML 3Page - Diodes Incorporated DF06S Datasheet HTML 4Page - Diodes Incorporated DF06S Datasheet HTML 5Page - Diodes Incorporated DF06S Datasheet HTML 6Page - Diodes Incorporated DF06S Datasheet HTML 7Page - Diodes Incorporated DF06S Datasheet HTML 8Page - Diodes Incorporated DF06S Datasheet HTML 9Page - Diodes Incorporated DF06S Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AN75
Issue 1 – January 2011
6
www.diodes.com
© Diodes Incorporated 2010
Free-wheel diode calculation
The free-wheel diode D
F shown in Figure 1 is chosen based on its maximum stress voltage and total
power loss. The maximum stress voltage rating of the free-wheel diode is the same as the MOSFET. It
is advisable to use ultra-low reverse recovery time T
RR (<35ns) diode as DF to reduce the MOSFET’s
switching ON loss. In the design example, 1A 600V rectifier, MUR160, is selected.
The worst case average current through the diode occurs at V
LED(max) and VIN(min).
mA
202
V
373
V
42
1
mA
240
V
V
1
I
I
(max)
IN
(min)
LED
)
nom
(
LED
D(avg)
=
⎟
⎠
⎞
⎜
⎝
⎛ −
×
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
=
Assuming a constant forward voltage drop V
F across the diode, the conduction power loss can be
calculated,
mW
222
V
1
.
1
mA
202
V
I
P
F
)
avg
(
D
COND
_
D
=
×
=
×
=
Finally, the diode junction temperature without using the heat sink can be calculated from,
C
87
C
80
W
C
32
mW
222
T
θ
P
T
AMB
thJA
COND
_
D
j
o
o
o
=
+
×
=
+
×
=
The internal ambient temperature within the LED converter, T
AMB, is assumed to be 80ºC. θthJA =
W
C
32 o
is the thermal resistance for DO-201 package. For practical design, it is recommended to
keep the junction temperature below 110ºC to avoid temperature stress on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com