Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DF06S
Description  High Power Factor LED Replacement T8 Fluorescent Tube
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF06S Datasheet(HTML) 3 Page - Diodes Incorporated

  DF06S Datasheet HTML 1Page - Diodes Incorporated DF06S Datasheet HTML 2Page - Diodes Incorporated DF06S Datasheet HTML 3Page - Diodes Incorporated DF06S Datasheet HTML 4Page - Diodes Incorporated DF06S Datasheet HTML 5Page - Diodes Incorporated DF06S Datasheet HTML 6Page - Diodes Incorporated DF06S Datasheet HTML 7Page - Diodes Incorporated DF06S Datasheet HTML 8Page - Diodes Incorporated DF06S Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN75
Issue 1 – January 2011
3
www.diodes.com
© Diodes Incorporated 2010
is
V
186
2
VIN(max)
=
. Often a 20% difference in capacitance could be observed between like
capacitors. Therefore a voltage rating margin of 25% should be considered.
Once the line drops below 50% of its peak voltage, the two capacitors are essentially placed in
parallel. The bus voltage V
IN(min) is the lowest voltage value at the input of the buck converter. VIN(min)
at the minimum AC line voltage V
ac(min) is,
V
60
2
Vac
85
2
2
V
2
V
ac(min)
IN(min)
=
×
=
×
=
At 60Hz, the total time of a half AC line cycle is 8.33ms. The power to the buck converter is derived
from the valley-fill capacitors when the AC line voltage is equal to or less than 50% of its peak voltage.
The hold up time for the capacitors equates to
ms
77
.
2
ms
33
.
8
3
1
tHOLD
=
×
=
. The valley-fill capacitor
value can then be calculated,
F
μ
30
V
20
ms
77
.
2
V
60
W
96
.
12
V
t
V
P
C
DROOP
HOLD
(min)
IN
out
TOTAL
=
×
=
×
=
Therefore,
F
μ
15
2
C
1
C
=
=
. V
DROOP is the voltage droop on the capacitors when they are delivering full
power to the buck converter. Ideally VDROOP should be set to less than
(max)
LED
(min)
IN
DROOP
V
V
V
−
=
in
order to ensure continuous LED conduction at low line voltage. Nevertheless, V
DROOP is set to be 20V
in the design example to avoid the need for very large valley-fill electrolytic capacitor.
A 20V V
DROOP implies that the bus voltage VIN at the input of buck converter will drop to 40V during
part of the AC line cycle. As the buck regulator requires V
IN to be greater than the LED stack voltage
(V
LED(max)=59V) for regulation, the LED will be off during part of the AC line cycle. This has the effect of
reducing the actual output LED current at low AC input voltage. In the design example, the LED
current drops by approximately 20% from its nominal value at 85Vac (see Figure 4).
Setting the fixed off-time and switching frequency range
For fixed off-time operation, the switching frequency will vary subjected to the actual input voltage and
output LED conditions.
A nominal switching frequency f
swi(nom) should be chosen. A high nominal switching frequency will
result in smaller inductor size, but could lead to increased switching losses in the circuit. A good
design practice is to choose a nominal switching frequency knowing that the switching frequency will
decrease as the line voltage drops and increases as the line voltage increases.
The fixed off-time t
OFF can be computed as,
s
μ
9
.
13
55kHz
230V
54V
-
1
f
V
V
-
1
t
swi(nom)
ac(nom)
LED(nom)
off
=
=
=
The off-time is programmed by timing resistor R
T as shown in Figure 1. The value of RT is given by,
()
( )
Ω
=
−
×
=
−
×
=
Ω
k
326
22
25
9
.
13
22
25
s
μ
t
k
R
OFF
T
A 330kΩ is selected for R
T. Next, the two extremes of the variable switching frequency can be
approximated as,
kHz
10
s
μ
9
.
13
V
69
V
59
1
t
V
V
1
f
OFF
(min)
IN
(max)
LED
swi(min)
=
−
=
−
=
kHz
8
.
63
s
μ
9
.
13
V
373
V
42
1
t
V
V
1
f
OFF
(max)
IN
(min)
LED
swi(max)
=
−
=
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com