Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DF06S
Description  High Power Factor LED Replacement T8 Fluorescent Tube
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF06S Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button DF06S Datasheet HTML 3Page - Diodes Incorporated DF06S Datasheet HTML 4Page - Diodes Incorporated DF06S Datasheet HTML 5Page - Diodes Incorporated DF06S Datasheet HTML 6Page - Diodes Incorporated DF06S Datasheet HTML 7Page - Diodes Incorporated DF06S Datasheet HTML 8Page - Diodes Incorporated DF06S Datasheet HTML 9Page - Diodes Incorporated DF06S Datasheet HTML 10Page - Diodes Incorporated DF06S Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN75
Issue 1 – January 2011
7
www.diodes.com
© Diodes Incorporated 2010
The BOM in table 1 and the PCB layout in Figure 2 complete the tools needed to design a high power
factor LED driver using the AL9910. Figure 3 shows the picture of the completed LED driver designed
with a footprint to fit inside the T8 LED Fluorescent replacement lamp tube.
Table 1 BOM
Ref.
Descriptions
Part number
Package
Mfr.
U1
Universal high brightness
LED driver
AL9910
SO8
Diodes Inc.
D1, D2, D3
1A, 1kV diode t
RR = 1.8μs
S1M-13-F
SMA
Diodes Inc.
D4
Ultra-fast-recovery diode
1A, 600V, t
RR = 35ns
MUR160
DO201AD
Diodes Inc.
DB1
1A, 600V bridge rectifier
DF06S
DF-S
Diodes Inc.
C1, C2
15μF, 450V electrolytic
capacitor +/-20% 1000hrs
@ 105ºC
EEUED2W150
400KXW27M10X30
UCY2G150MPD
5mm pitch
Panasonic
Rubicon
Nichicon
C4
4.7μF, 50V electrolytic
capacitor +/-20% 1000hrs
@ 105ºC
ECE-A1HKG4R7
1.5mm pitch
Panasonic
C5
10μF 450V electrolytic
capacitor +/-20% 1000hrs
@ 105ºC, 10mm diameter
EEUEE2W100U
5mm pitch
Panasonic
CX1, CX2,
CX3, CX4
100nF, 275VAC, Film, X2
ECQU2A104ML
17.5mm pitch
Panasonic
F1
10Ohm 1W fusible
resistor +/-200ppm
NFR0100001009JR500
Through-hole
axial
Vishay
L1
6.8mH inductor +/-10%
290mA radial
19R685C
5mm pitch
Murata
L2
30mH common-mode
inductor, 8mm height
B82791G2301N001
10mm pitch
EPCOS
L3, L4
3.3mH inductor +/-10%
420mA radial
19R335C
6mm pitch
Murata
MOV1
275V, 21J, 9mm, Radial
B72207S0271K101
5mm pitch
EPCOS
Q1
N-ch MOSFET 600V,
3.2A, Q
g(max) = 16nC
SPB03N60S5
TO263
Infineon
R1
10R 3W wire wound
resistor, 50ppm/ºC, +/-1%
UB3C-10RF1
Through-hole
axial
Riedon
R2
3k 0.25W resistor +/-5%
Any
1206
Any
R5
1R2 0.25W +/-1%
Any
1206
Any
R6
2R7 0.25W +/-1%
Any
1206
Any
R7
100R 0.25W +/-1%
Any
1206
Any
R
T
330k 0.125W resistor +/-
1%
Any
1206
Any
R10
10R 0.25W +/-5%
Any
1206
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com