Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 10 Page - Diodes Incorporated

Part # DF06S
Description  High Power Factor LED Replacement T8 Fluorescent Tube
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF06S Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button DF06S Datasheet HTML 4Page - Diodes Incorporated DF06S Datasheet HTML 5Page - Diodes Incorporated DF06S Datasheet HTML 6Page - Diodes Incorporated DF06S Datasheet HTML 7Page - Diodes Incorporated DF06S Datasheet HTML 8Page - Diodes Incorporated DF06S Datasheet HTML 9Page - Diodes Incorporated DF06S Datasheet HTML 10Page - Diodes Incorporated DF06S Datasheet HTML 11Page - Diodes Incorporated DF06S Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN75
Issue 1 – January 2011
10
www.diodes.com
© Diodes Incorporated 2010
Results
The performance of the system is outlined in Figures 4, and 5.
They display a level of system efficiency higher than 87% when driving 18 LEDs. The system
efficiency reduces with decreasing number of LEDs but 83% can still be achieved when driving
14LEDs at 264Vac input.
When driving 18 LEDs, a current regulation of around 3% is achieved between the input voltages of
110Vac to 264Vac. The LED current drops to 190mA at 85Vac as the minimum bus voltage V
IN(min)
falls below the LED stack voltage (V
LED(max)) during part of the AC line cycle, driving the LED off.
Figure 6 shows the power factor across the line voltage range. Power factor greater than 0.9 can be
achieved at 85Vac.
Figure 4 LED driver system efficiency
Figure 5 LED driver current regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com