Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DF06S
Description  High Power Factor LED Replacement T8 Fluorescent Tube
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF06S Datasheet(HTML) 2 Page - Diodes Incorporated

  DF06S Datasheet HTML 1Page - Diodes Incorporated DF06S Datasheet HTML 2Page - Diodes Incorporated DF06S Datasheet HTML 3Page - Diodes Incorporated DF06S Datasheet HTML 4Page - Diodes Incorporated DF06S Datasheet HTML 5Page - Diodes Incorporated DF06S Datasheet HTML 6Page - Diodes Incorporated DF06S Datasheet HTML 7Page - Diodes Incorporated DF06S Datasheet HTML 8Page - Diodes Incorporated DF06S Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AN75
Issue 1 – January 2011
2
www.diodes.com
© Diodes Incorporated 2010
sense signal and the switching adjusts to be the sum of the on- and off-time. This change allows the
converter to work with duty cycles greater than 50%.
Design Guide – High power factor offline LED driver
In this section the design procedure is outlined according to the schematic shown in Figure 1. First,
the guideline for selecting the components for valley fill power factor correction stage and fixed off-
time buck converter is shown. The power inductor calculation is then demonstrated and finally, the
power losses within MOSFET and free-wheel diode are assessed.
The specifications for the system are:
V
AC = 230Vac
V
AC(min) = 85Vac
V
AC(max)= 264Vac
I
LED(nom) = 240mA
V
LED(nom) = 54V
V
LED(min) = 42V
V
LED(max) = 59V
P
OUT = 12.96W
f
swi(nom) = 55kHz
Passive factor correction stage design
The purpose of the valley fill circuit (see Figure 2) is to allow the buck converter to pull power directly
off the AC line when the line voltage is greater than 50% of its peak voltage.
Figure 2 Valley-fill PFC stage and operating waveforms (Green: VIN to LED driver; Orange:
AL9910’s gate voltage)
The maximum bus voltage at the input of the buck converter is,
V
373
Vac
64
2
2
V
2
V
ac(max)
IN(max)
=
×
=
×
=
During this time, capacitors within the valley fill circuit (C1 and C2) are in series and charged via D2
and R1. If the capacitors have identical capacitance value, the peak voltage across C1 and C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com