Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMAXX Datasheet(PDF) 30 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 30 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 26Page - ebm-papst ACMAXX Datasheet HTML 27Page - ebm-papst ACMAXX Datasheet HTML 28Page - ebm-papst ACMAXX Datasheet HTML 29Page - ebm-papst ACMAXX Datasheet HTML 30Page - ebm-papst ACMAXX Datasheet HTML 31Page - ebm-papst ACMAXX Datasheet HTML 32Page - ebm-papst ACMAXX Datasheet HTML 33Page - ebm-papst ACMAXX Datasheet HTML 34Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
30
5
101520
25303540
0
5
10
15
20
25
[CFM]
10
20
30
40
50
60
70
80
90
100
110
[m
3/h]
2
1
Highlights:
– Very rigid compression curve for high air flow at high back pressure.
– Motor with very low structure-borne noise.
– Control inputs, alarm and speed signals available on request.
– Developed for applications with stringent environmental requirements.
General characteristics:
– Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Connection via single strands AWG 22, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation clockwise, seen on rotor.
– Mass: 70 g.
DC axial fans
Series 630
60 x 60 x 25 mm
HP
A
SP
IP54
IP54
Û
PWM
T
NG
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
632 NU
40
23,5
12
6...15
33
5,2
1,8
5 900
-20...+70
85 000 / 42 500
170 000
1
632 /2HPU
44
25,9
12
10,8...13,2
35
5,4
1,5
6 400
-20...+70
85 000 / 42 500
170 000
2
638 /2HPU
44
25,9
48
40...60
35
5,4
1,8
6 400
-20...+70
85 000 / 42 500
170 000
2
max.
44 m3/h
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com