Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMAXX Datasheet(PDF) 21 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 21 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 17Page - ebm-papst ACMAXX Datasheet HTML 18Page - ebm-papst ACMAXX Datasheet HTML 19Page - ebm-papst ACMAXX Datasheet HTML 20Page - ebm-papst ACMAXX Datasheet HTML 21Page - ebm-papst ACMAXX Datasheet HTML 22Page - ebm-papst ACMAXX Datasheet HTML 23Page - ebm-papst ACMAXX Datasheet HTML 24Page - ebm-papst ACMAXX Datasheet HTML 25Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
21
Axial fans for DC operation
Overview of technically feasible designs
Axial fans
Series
mm
OPTIONAL
P.
250
25 x 25 x 8
yes
•
––
–
–
–
–
–
•
–
–
23
400 F
40 x 40 x 10
yes
••
––
–
–
––
•
–
–
24
400
40 x 40 x 20
yes
••
––
–
•
––
•
–
–
25
400 J
40 x 40 x 25
yes
••
––
–
–
–
–
••
–
26
500 F
50 x 50 x 15
yes
••
––
–
•
––
•
–
–
27
600 F
60 x 60 x 15
yes
••
––
–
•
––
•
–
–
28
620
60 x 60 x 25
yes
••
•
• •
•
•
–
••
–
29
NEW 630
60 x 60 x 25
yes
••
•
• •
•
•
–
•••
30
600 N
60 x 60 x 25
yes
/
••
–
••
––
–
••
–
31
600 N VARIOFAN
60 x 60 x 25
yes
/
••
–
••
––
–
•
–
–
32
NEW 600 J
60 x 60 x 32
yes
••
––
–
–
–
–
•
–
–
33
700 F
70 x 70 x 15
yes
••
––
–
–
–
–
•
–
–
34
NEW 8450
80 x 80 x 25
yes
••
––
–
•
––
•
–
–
35
8400 N
80 x 80 x 25
yes
/
••
•
• •
•
•
–
••
–
36
8400 N VARIOFAN
80 x 80 x 25
yes
••
–
••
––
–
•
–
–
37
8300
80 x 80 x 32
yes
/
••
•
• •
•
•
–
•••
38
8200 J S-Force
80 x 80 x 38
yes
••
•
• •
•
•
–
•
–
–
39
3400 N
92 x 92 x 25
yes
/
••
•
• •
•
•
–
••
–
40
3400 N VARIOFAN
92 x 92 x 25
yes
••
–
••
––
–
•
–
–
41
3300
92 x 92 x 32
yes
/
••
•
• •
•
•
–
•••
42
3200 J
92 x 92 x 38
yes
••
•
• •
•
•
–
••
–
43
4400 F
119 x 119 x 25
yes
/
••
•
• •
•
•
–
•
–
–
44
4400 FN
119 x 119 x 25
yes
••
•
• •
•
•
–
•
–
–
45
4300
119 x 119 x 32
yes
/
••
•
• •
•
•
–
•••
46
4300 VARIOFAN
119 x 119 x 32
yes
••
•
• •
•
•
–
•
–
–
47
4400
119 x 119 x 38
yes
••
•
• •
•
•
–
•
–
–
48
4100 N
119 x 119 x 38
yes
/
••
•
• •
•
•
–
•••
49
4100 NH..NH6
119 x 119 x 38
yes
••
•
• •
•
•
–
•
–
–
50
4100 NH7..NH8
119 x 119 x 38
yes
••
•
• •
•
•
–
•
–
–
51
DV 4100
119 x 119 x 38
yes
••
•
• •
•
•
–
•••
52
5200 N
127 x 127 x 38
yes
••
•
• •
•
•
–
•••
53
DV 5200
127 x 127 x 38
yes
••
•
• •
•
•
–
•••
54
5100 N
135 x 135 x 38
yes
••
•
• •
•
•
–
•••
55
NEW 5300 S-Force
140 x 140 x 51
yes
••
•
• •
•
•
–
•••
56
5300 TDS-Force
140 x 140 x 51
yes
••
•
• •
•
• •
•
–
–
57
7100 N
150 Ø x 38
yes
••
•
• •
•
•
–
•••
58
7200 N
150 Ø x 55
yes
••
•
• •
•
•
–
•••
59
NEW 6100 N
172 x 160 x 51
yes
••
•
• •
•
•
–
•••
60
NEW 6300 S-Force
172 Ø x 51
yes
••
•
• •
•
•
–
•••
61
NEW 6300 TDS-Force
172 Ø x 51
yes
••
•
• •
•
• •
•
•
•
62
NEW 6300 TDS-Force
172 x 160 x 51
yes
••
•
• •
•
• •
•
•
•
63
DV 6200
172 Ø x 51
yes
••
•
• •
•
•
–
•••
64
DV 6200 TD
172 Ø x 51
yes
••
•
• •
•
•
–
•••
65
6400
172 x 150 x 51
yes
••
•
• •
•
•
–
•••
66
6400 TD
172 x 150 x 51
yes
••
•
• •
•
•
–
•••
67
DV 6400
172 x 160 x 51
yes
••
•
• •
•
•
–
•••
68
DV 6400 TD
172 x 160 x 51
yes
••
•
• •
•
•
–
•••
69
NEW 2200 FTD
200 Ø x 51
yes
••
•
• •
•
• •
•
•
•
70
W1G 200
225 x 225 x 80
UL/CSA
••
•
•
–
•• •
•
–
•
71
NEW K1G 200
225 x 225 x 80
yes
••
•
•
–
•• •
•
–
•
72
NEW K3G 200
225 x 225 x 89
yes
••
•
•
–
•• •
•
–
•
73
W1G 250
280 x 280 x 80
UL/CSA
••
•
•
–
•• •
•
–
•
74
Please note that these special versions are not possible
for all voltages and speeds, and not in all combinations.
The special versions are designed for specific custo-
mers and projects. As a rule they are not available off
the shelf and are tied to minimum volumes.
Please consult your customer support representative
about the feasibility of your special variant.
Sleeve bearings
Ball bearings
– not yet available
• available
* approvals
applied for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com