Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMAXX Datasheet(PDF) 71 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 71 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 67Page - ebm-papst ACMAXX Datasheet HTML 68Page - ebm-papst ACMAXX Datasheet HTML 69Page - ebm-papst ACMAXX Datasheet HTML 70Page - ebm-papst ACMAXX Datasheet HTML 71Page - ebm-papst ACMAXX Datasheet HTML 72Page - ebm-papst ACMAXX Datasheet HTML 73Page - ebm-papst ACMAXX Datasheet HTML 74Page - ebm-papst ACMAXX Datasheet HTML 75Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 192 page
background image
71
W1G 200-HH77-52
1090
641,6
24
16...28
60
—
55,0
2 950
-25...+60
57 000 / 42 000
1
W1G 200-HH01-52
1090
641,6
48
36...57
60
—
55,0
2 950
-25...+60
57 000 / 42 000
1
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
– Material: Die-cast aluminium wall ring, 9 sheet steel blades. Blades and
rotor coated in black.
– Protected against reverse polarity and locking.
– Direction or air flow: “V”, exhaust over struts. Direction of rotation counter-clockwise, seen
on rotor.
– Type of protection: IP 42. Insulation class: “B”.
– Maintenance-free ball bearings.
– Control input 0-10 V DC / PWM and tach output.
– Electrical connection with terminal strip.
– Continuous operation (S1).
– Mass: 2.1 kg.
DC axial fans
W1G 200
225 x 225 x 80 mm
U R
U N
200
400
600
800
1000
0
200
400
600
40
80
120
160
200
240
8
7
6
5
1
2
3
4
1'
2'
3'
4'
1
1
m³/h
CFM
Nominal data
nP1
LpA
[RPM]
[W]
[dB(A)]
➀ ❶’
2300
73
63
➀ ➋’
2970
77
62
➀ ➌’
3100
80
63
➀ ➍’
2970
80
66
➀ ❶
2950
55
60
➀ ➋
2890
58
60
➀ ➌
2800
61
61
➀ ➍
2780
63
64
➀ ➎
2270
27
55
➀ ➏
2230
28
54
➀ ➐
2170
29
54
➀ ➑
2130
30
57
max.
1090 m3/h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com