Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMAXX Datasheet(PDF) 95 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 95 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 91Page - ebm-papst ACMAXX Datasheet HTML 92Page - ebm-papst ACMAXX Datasheet HTML 93Page - ebm-papst ACMAXX Datasheet HTML 94Page - ebm-papst ACMAXX Datasheet HTML 95Page - ebm-papst ACMAXX Datasheet HTML 96Page - ebm-papst ACMAXX Datasheet HTML 97Page - ebm-papst ACMAXX Datasheet HTML 98Page - ebm-papst ACMAXX Datasheet HTML 99Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 192 page
background image
95
54
26
13,5
1
1,5
+
+
50
100
150
200
0
100
200
300
100
200
300
400
500
600
1
3
2
m³/h
CFM
The air flow and noise level of fans without external
housing depends on the installation conditions. The stated
air flow and noise levels have been measured under the
following conditions:
Centrifugal fan mounted on a base plate 140 x 140 mm.
Cover plate 140 x 140 mm with an air inlet of Ø 96 mm,
concentric to the impeller.
Air flow
Air flow
HP
A
PWM
I
T
NG
DC centrifugal fans
Series RER 120 TD
120Øx54mm
max.
390 m3/h
Highlights:
– 3-phase fan drive with high degree of running smoothness.
– Very high pressure build-up.
– Backward curved impeller.
– Available as standard with PWM control input and speed signal.
Additional inputs and outputs on request.
General characteristics:
– Impeller of fibreglass-reinforced plastic.
– Fully integrated electronic commutation.
– Direction of rotation: CW seen on rotor.
– Direction of air flow: axial air intake, centrifugal air exhaust out of the outlet.
– Connection via single strands AWG 22, TR 64. Bared and tin-plated.
– Mass: 430 g.
Type
m3/h
CFM
VDC
VDC
Bel(A)
/
Watts
RPM
°C
Hours
Hours
RER 120-26/14/2 TDMP*
320
188,2
24
16...32
tbd
51
5 200
-20...+60
60 000 / 37 500
120 000
1
RER 120-26/14/2 TDP
377
221,9
24
16...32
8,2
78
6 100
-20...+60
55 000 / 35 000
110 000
2
RER 120-26/18/2 TDMP*
320
188,2
48
36...60
tbd
51
5 200
-20...+60
57 500 / 35 000
115 000
1
RER 120-26/18/2 TDP
390
229,5
48
36...60
8,3
92
6 300
-20...+60
50 000 / 30 000
100 000
3
Speed control range from 800 rpm at 7 % PWM up to nominal speed at > 90 % PWM. Standstill at 0 % PWM,
max. speed if control cable is interrupted.
The specific service life is valid when an external capacitor is wired between the plus and minus strands. Please note the
wiring suggestion.
*Preliminary
Nominal data
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com