Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMAXX Datasheet(PDF) 43 Page - ebm-papst

Part # ACMAXX
Description  Compact fans for AC and DC
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACMAXX Datasheet(HTML) 43 Page - ebm-papst

Back Button ACMAXX Datasheet HTML 39Page - ebm-papst ACMAXX Datasheet HTML 40Page - ebm-papst ACMAXX Datasheet HTML 41Page - ebm-papst ACMAXX Datasheet HTML 42Page - ebm-papst ACMAXX Datasheet HTML 43Page - ebm-papst ACMAXX Datasheet HTML 44Page - ebm-papst ACMAXX Datasheet HTML 45Page - ebm-papst ACMAXX Datasheet HTML 46Page - ebm-papst ACMAXX Datasheet HTML 47Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 192 page
background image
43
max.
280 m3/h
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110
3212 JN
130
76,5
12
7...13,8
51
6,1
7,5
6 000
-20 ...+70
70 000 / 35 000
140 000
1
/2
3212 JH
146
86,0
12
7...15
55
6,4
9,0
6 800
-20 ...+70
70 000 / 35 000
140 000
2
/2
3212 JH3
237
139,5
12
6...13,8
69
7,8
30,0
11 000
-20 ...+70
65 000 / 32 500
130 000
3
/2
3212 JH4
280
164,8
12
6...13,8
73
8,2
50,0
13 000
-20 ...+70
60 000 / 30 000
120 000
4
/2
3214 JN
130
76,5
24
11...28
51
6,1
8,0
6 000
-20 ...+70
70 000 / 35 000
140 000
1
3214 JH
146
86,0
24
11...30
55
6,4
9,0
6 800
-20 ...+70
70 000 / 35 000
140 000
2
/2
3214 JH3
237
139,5
24
12...27,6
69
7,8
30,0
11 000
-20 ...+70
65 000 / 32 500
130 000
3
/2
3214 JH4
280
164,8
24
12...27,6
73
8,2
50,0
13 000
-20 ...+70
60 000 / 30 000
120 000
4
3218 JN
130
76,5
48
36...56
51
6,1
7,0
6 000
-20 ...+70
70 000 / 35 000
140 000
1
3218 JH
146
86,0
48
36...53
55
6,4
9,5
6 800
-20 ...+70
70 000 / 35 000
140 000
2
3218 JH3
237
139,5
48
20...58,0
69
7,8
30,0
11 000
-20 ...+70
65 000 / 32 500
130 000
3
/2
3218 JH4
280
164,8
48
20...58,0
73
8,2
50,0
13 000
-20 ...+70
60 000 / 30 000
120 000
4
Highlights:
– Very rigid compression curve for high air flow at high back pressure.
– Innovative impeller with winglets for low noise.
– Optional Vario-Pro: Highly adaptable software configuration of the fan enables
a tailor-made solution to the specific requirements of your applications.
General characteristics:
– Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
– Fully integrated electronic commutation. Protected against reverse polarity and locking.
– Connection via single strands AWG 24 (H3 and H4: AWG 22), TR 64.
Bared and tin-plated.
– Air exhaust over struts. Direction of rotation clockwise, seen on rotor.
– Mass: 240 g (H3 and H4: 280 g).
DC axial fans
Series 3200 J
92 x 92 x 38 mm
20
0
50
100
200
100
40
60
300
150
80
100
2
1
m³/h
CFM
0
2 5
5 0
7 5
100
125
50
100
100
150
300
400
500
600
200
200
250
4
700
150
3
m³/h
CFM
Nominal data
HP
A
IP54
IP54
Û
PWM
I
T
NG
3200 JH3 and JH4 also as
standard with PWM control input and speed signal.
Speed control range from 2000 RPM up to maximum nominal speed. Stationary at 0 % PWM,
maximum speed at sensor break.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com