Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1B Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 21Page - STMicroelectronics ST802RT1B Datasheet HTML 22Page - STMicroelectronics ST802RT1B Datasheet HTML 23Page - STMicroelectronics ST802RT1B Datasheet HTML 24Page - STMicroelectronics ST802RT1B Datasheet HTML 25Page - STMicroelectronics ST802RT1B Datasheet HTML 26Page - STMicroelectronics ST802RT1B Datasheet HTML 27Page - STMicroelectronics ST802RT1B Datasheet HTML 28Page - STMicroelectronics ST802RT1B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
25/58
Reserved: Ignore when read.
LP pause: Indicates that the link partner pause bit is set.
LP selector field: Bits 4:0 of the link partner ability register reflect the value of the Link
partner's selector field. These bits are cleared any time auto-negotiation is restarted or the
chip is reset.
Advertisement bits: Bits 9: 5 of the link partner ability register reflect the abilities of the Link
partner. A “1” on any of these bits indicates that the link partner is capable of performing the
corresponding mode of operation. Bits 9:5 are cleared any time auto-negotiation is restarted
or the ST802RT1x is reset.
Reserved: Ignore when read.
Parallel detection fault: Bit 4 of the auto-negotiation expansion register is a read-only bit
that gets latched high when a parallel detection fault occurs in the auto-negotiation state
machine. For further details, please consult the IEEE standard. The bit is reset to “0” after
the register is read, or when the chip is reset.
LP next page able: Bit 3 of the auto-negotiation expansion register returns a “1” when the
link partner has next page capabilities. It has the same value as bit 15 of the link partner
ability register.
Page received: Bit 1 of the auto-negotiation expansion register is latched high when a new
link code word is received from the link partner, checked, and acknowledged. It remains high
until the chip is reset.
LP auto-negotiation able: Bit 0 of the auto-negotiation expansion register returns a “1”
when the link partner is known to have auto-negotiation capability. Before any auto-
negotiation information is exchanged, or if the link partner does not comply with IEEE auto-
negotiation, the bit returns a value of “0”.
Table 16.
RN06 [0d06, 0x06]: Auto-negotiation expansion register
Bit
Bit name
Description
Default
RW
type
Type
15:5
RESERVED
--
00000000000
RO
P
4
Parallel
Detection Fault
1 -> A fault has been detected via the parallel detection
function (updated on read)
0 -> A fault has not been detected
0RO
LH
3
Link Partner
Next Page Able
1 -> LP is next-page able
0 -> LP does not support next pages
0RO
-
2
Next Page Able
1 -> Local device is next-page able
Fixed to 1
1RO
P
1
Page Received
1 -> Link code word received (updated on read)
0 -> Link code word not yet received
0RO
LH
0
Link Partner
Auto-Negotiation
Able
1 -> LP supports auto-negotiation (updated on read)
0 -> LP does not support auto-negotiation
0RO
LH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com