Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1B Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 28Page - STMicroelectronics ST802RT1B Datasheet HTML 29Page - STMicroelectronics ST802RT1B Datasheet HTML 30Page - STMicroelectronics ST802RT1B Datasheet HTML 31Page - STMicroelectronics ST802RT1B Datasheet HTML 32Page - STMicroelectronics ST802RT1B Datasheet HTML 33Page - STMicroelectronics ST802RT1B Datasheet HTML 34Page - STMicroelectronics ST802RT1B Datasheet HTML 35Page - STMicroelectronics ST802RT1B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Registers and descriptors description
ST802RT1A, ST802RT1B
32/58
Doc ID 17049 Rev 1
Bit
Bit name
Description
Default
RW
Type
Type
7
Parallel Detection
Fault
1 -> A fault has been detected via the parallel detection
function (updated on read)
0 -> A fault has not been detected
0RO
LH
6
Remote Fault
1 -> Remote fault condition detected
0 -> No remote fault condition detected
Set when link partner signaled a remote fault condition (RN05 -
bit 13) or a far-end-fault indicator was asserted. Latched, so
the occurrence of a remote fault causes the remote fault bit to
become set and remain set until it is cleared (by register read,
if no more fault is present).
0RO
LH
5
Page Received
1 -> Link code word received (updated on read)
0 -> LCW not yet received
0RO
LH
4
Link Partner Auto-
Negotiation Able
1 -> LP supports auto-negotiation (updated on read)
0 -> LP does not support auto-negotiation
0RO
-
3
SP100 indicate
1 -> Speed is 100 Mb/s
0 -> Speed is 10 Mb/s
Set by auto-negotiation 100BASE-TX link control
0RO
-
2
Link Status
1 -> Link is up (10–100 Mb/s)
0 -> Link is down
This bit is cleared at link failure and set after a register read if a
valid link is established
0RO
LL
1
Auto-negotiation
enable
1 -> Auto-negotiation enabled
0 -> Auto-negotiation disabled
Set by RN00[12], if RN11[10] is 0 (not FX-mode)
0RO
-
0
Jabber Detect
1 -> Jabber condition detected
0 -> No jabber condition detected.
Set at jabber condition detection, cleared only after register
read (if no more jabber condition is present).
Fixed to 0 in 100Base-X modes.
Same as RN01[1]
0RO
LH
Table 25.
RN19 [0d25, 0x19]: Auxiliary status register (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com