Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1B Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 1 Page - STMicroelectronics

  ST802RT1B Datasheet HTML 1Page - STMicroelectronics ST802RT1B Datasheet HTML 2Page - STMicroelectronics ST802RT1B Datasheet HTML 3Page - STMicroelectronics ST802RT1B Datasheet HTML 4Page - STMicroelectronics ST802RT1B Datasheet HTML 5Page - STMicroelectronics ST802RT1B Datasheet HTML 6Page - STMicroelectronics ST802RT1B Datasheet HTML 7Page - STMicroelectronics ST802RT1B Datasheet HTML 8Page - STMicroelectronics ST802RT1B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
February 2010
Doc ID 17049 Rev 1
1/58
58
ST802RT1A
ST802RT1B
10/100 real-time Ethernet 3.3 V transceiver
Features
IEEE802.3 10Base-T and IEEE802.3u
100Base-TX, 100Base-FX (ST802RT1B only)
transceiver
Support for IEEE802.3x flow control
Provides full-duplex operation in both 100
Mbps and 10 Mbps modes
Register bit strap during HW reset
Auto MDI-X for 10/100 Mb/s
Auto-negotiation
Provides loop-back mode for diagnostics
Programmable LED display for operating mode
and functionality signaling
MII / RMII interface
MDC / MDIO serial management interface
Optimized deterministic latency for real-time
Ethernet operation
Supports external transformer with turn ratio
1.414:1 on Tx/Rx side
Self-termination transceiver for external
components and power saving
Operation from single 3.3 V supply
High ESD tolerance
48-pin LQFP 7 x 7 package
Extended temp. range: -40 °C to +105 °C
Power dissipation < 315 mW (typ)
Applications
Industrial control
Factory automation
High-end peripherals
Building automation
Telecom infrastructure
Description
The ST802RT1x is a high-performance fast
Ethernet physical layer interface for 10Base-T,
100Base-TX and 100Base-FX applications. It is
designed using advanced CMOS technology to
provide MII and RMII interfaces for easy
attachment to 10/100 media access controllers
(MAC). The ST802RT1x supports the 100Base-
TX of IEEE802.3u and 10Base-T of IEEE802.3i
and 100Base FX of IEEE 802.3u (B version only).
The ST802RT1x supports both half-duplex and
full-duplex operation at 10 and 100 Mbps
operation. Its operating mode can be set using
auto-negotiation, parallel detection or manual
control. It allows for the support of auto-
negotiation functions for speed and duplex
detection. The automatic MDI / MDIX feature
compensates for the use of a crossover cable.
With auto MDIX, the ST802RT1x automatically
detects what is on the other end of the network
cable and switches the TX & RX pin functionality
accordingly.
LQFP48
Table 1.
Device summary
Order codes
Temperature range
Package
ST802RT1AFR
- 40 to 105 °C
LQFP48
ST802RT1BFR
- 40 to 105 °C
LQFP48
www.st.com


Similar Part No. - ST802RT1B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST802RT1B STMICROELECTRONICS-ST802RT1B Datasheet
590Kb / 58P
10/100 real-time Ethernet 3.3 V transceiver
02-Feb-2010
More results

Similar Description - ST802RT1B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LU3X34FTR AGERE-LU3X34FTR Datasheet
678Kb / 52P
Quad 3 V 10/100 Ethernet Transceiver TX/FX
July 2000
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
ST802RT1AFR STMICROELECTRONICS-ST802RT1AFR Datasheet
590Kb / 58P
10/100 real-time Ethernet 3.3 V transceiver
02-Feb-2010
logo
Microchip Technology
LAN8820 MICROCHIP-LAN8820 Datasheet
737Kb / 83P
RGMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
Red Lion Controls. Inc
ET-DS REDLION-ET-DS Datasheet
494Kb / 2P
Ethernet Real-Time Device Servers
logo
Realtek Semiconductor C...
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
Real-Time Ethernet Multiprotocol (REM) Switch
3/2020-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com