Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1B Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 30Page - STMicroelectronics ST802RT1B Datasheet HTML 31Page - STMicroelectronics ST802RT1B Datasheet HTML 32Page - STMicroelectronics ST802RT1B Datasheet HTML 33Page - STMicroelectronics ST802RT1B Datasheet HTML 34Page - STMicroelectronics ST802RT1B Datasheet HTML 35Page - STMicroelectronics ST802RT1B Datasheet HTML 36Page - STMicroelectronics ST802RT1B Datasheet HTML 37Page - STMicroelectronics ST802RT1B Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
Registers and descriptors description
ST802RT1A, ST802RT1B
34/58
Doc ID 17049 Rev 1
MDIX status: This bit indicates whether MDI or MDIX is in use.
MDIX swap: Setting this bit forces the device to MDIX. When this bit is 0, the MDIX status is
determined by auto-negotiation if auto-MDIX is enabled.
MDIX disable: Setting this bit disables auto-detection and negotiation of MDIX. Clearing this
bit enables auto-MDIX.
Table 27.
RN1C [0d28, 0x1C]: 10Base-T error and general status register
Bit
Bit name
Description
Default
RW
Type
Type
15:14
RESERVED
---
00
RW
-
13
MDIX Status
1 -> MDI-X configuration used
0 -> MDI configuration used
0RO
-
12
MDIX Swap
1 -> MDIX force (if not in fx_mode)
0 -> Normal operation
0RW
-
11
MDIX Disable
1 -> MDIX auto-detection and negotiation disabled
0 -> MDI-MDIX auto-detection enabled
1RW
-
10
RESERVED
---
0
RO
P(LH)
9
Jabber detect
1 -> Jabber condition detected
0 -> No jabber condition detected.
Set at jabber condition detection, cleared only after register read
(if no more jabber condition is present). Fixed to 0 in 100Base-X
modes. Same as RN01[1] and RN19[0]
0RO
LH
8
Polarity
Changed
1 -> Polarity changed event
0 -> No polarity changes
0RO
-
7:0
RESERVED
---
001001
11b
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com