Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1B Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 25Page - STMicroelectronics ST802RT1B Datasheet HTML 26Page - STMicroelectronics ST802RT1B Datasheet HTML 27Page - STMicroelectronics ST802RT1B Datasheet HTML 28Page - STMicroelectronics ST802RT1B Datasheet HTML 29Page - STMicroelectronics ST802RT1B Datasheet HTML 30Page - STMicroelectronics ST802RT1B Datasheet HTML 31Page - STMicroelectronics ST802RT1B Datasheet HTML 32Page - STMicroelectronics ST802RT1B Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
29/58
Table 21.
RN12 [0d18, 0x12]: Receiver event interrupts register
Bit
Bit name
Description
Default
RW
Type
Type
15:9
RESERVED
NOT USED
0000000b
RO
P
8INT_OE_N
INTERRUPT OUTPUT ENABLE:
1 -> PWRDWN/MDINT is a power-down input
0 -> PWRDWN/MDINT is an interrupt output
1RW
-
7INT_EN
INTERRUPT ENABLE:
1 -> Event interrupts enabled
0 -> Event interrupts disabled
0RW
-
6
AN_CMPL_EN
“AUTO-NEGOTIATION COMPLETED” INTERRUPT
ENABLE:
1 -> Interrupt enabled
0 -> Interrupt disabled
0RW
-
5
REMFLT_DET_EN
“REMOTE FAULT” INTERRUPT ENABLE:
1 -> Interrupt enabled
0 -> Interrupt disabled
0RW
-
4LK_DWN_EN
“LINK FAIL” INTERRUPT ENABLE:
1 -> Interrupt enabled
0 -> Interrupt disabled
0RW
-
3
AN_ACK_DET_EN
“AUTO-NEGOTIATION LCW RECEIVED” INTERRUPT
ENABLE:
1 -> Interrupt enabled
0 -> Interrupt disabled
0RW
-
2PD_FLT_EN
“PARALLEL DETECTION FAULT” INTERRUPT
ENABLE:
1 -> Interrupt enabled
0 -> Interrupt disabled
0RW
-
1
PG_RCVD_EN
“AUTO-NEGOTIATION PAGE RECEIVED” INTERRUPT
ENABLE:
1 -> Interrupt enabled
0 -> Interrupt disabled
0RW
-
0
RX_FULL_EN
“RECEIVE ERROR COUNTER FULL” INTERRUPT
ENABLE:
1 -> Interrupt enabled
0 -> Interrupt disabled
0RW
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com