Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPMS1
Description  Dual-channel 1-bit, 2 MHz, 1st order sigma-delta modulator with embedded PGA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPMS1 Datasheet HTML 2Page - STMicroelectronics STPMS1 Datasheet HTML 3Page - STMicroelectronics STPMS1 Datasheet HTML 4Page - STMicroelectronics STPMS1 Datasheet HTML 5Page - STMicroelectronics STPMS1 Datasheet HTML 6Page - STMicroelectronics STPMS1 Datasheet HTML 7Page - STMicroelectronics STPMS1 Datasheet HTML 8Page - STMicroelectronics STPMS1 Datasheet HTML 9Page - STMicroelectronics STPMS1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
General operating conditions
STPMS1
6/23
Doc ID 16524 Rev 2
4
General operating conditions
VCC = 5 V, TA = 25 °C, 2.2 µF between VDD and GND, 100 nF between VCC and GND,
fCLK = 2.048 MHz unless otherwise specified.
Table 5.
General operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VCC
Operating supply voltage
3.165
5.5
V
ICC
Quiescent current
1.049 MHz; VCC=3.165 V; CL=100 nF, no
loads
2.5
mA
VPOR
Power on reset on VCC
2.5
V
VDD
Regulated supply voltage 1.049 MHz; VCC=3.2 V; CL=100 nF, no loads
2.85
3.00
3.15
V
ILATCH
Current injection latch-up
immunity
300
mA
fCLK
Nominal frequencies
1.0
2.458
MHz
DC measurement accuracy
Resolution
11
16
bit
INL
Integral non-linearity
Result referred to a 13-bit resolution of CIP-
CIN channel
0.35
LSB
Result referred to a 9-bit resolution of VIP-
VIN channel
0.5
DNL
Differential linearity
Result referred to a 13-bit resolution of CIP-
CIN channel
0.2
LSB
Result referred to a 9-bit resolution of VIP-
VIN channel
0.4
Offset error
Result referred to a 13-bit resolution of CIP-
CIN channel
0.15
LSB
Result referred to a 9-bit resolution of VIP-
VIN channel
0.05
Gain error
Result referred to a 13-bit resolution of CIP-
CIN channel
0.05
LSB/
µV
Result referred to a 9-bit resolution of VIP-
VIN channel
0.001
NF
Noise floor
CIP-CIN channel, Gain 8x
115
dB
PSRRDC
Power supply DC
rejection
Voltage signal: 200 mVrms/50 Hz
Current signal: 10 mVrms/50 Hz
fCLK= 2.048 MHz
VCC=3.3 V±10 %, 5 V±10 %
0.2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com