Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPMS1
Description  Dual-channel 1-bit, 2 MHz, 1st order sigma-delta modulator with embedded PGA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPMS1 Datasheet HTML 6Page - STMicroelectronics STPMS1 Datasheet HTML 7Page - STMicroelectronics STPMS1 Datasheet HTML 8Page - STMicroelectronics STPMS1 Datasheet HTML 9Page - STMicroelectronics STPMS1 Datasheet HTML 10Page - STMicroelectronics STPMS1 Datasheet HTML 11Page - STMicroelectronics STPMS1 Datasheet HTML 12Page - STMicroelectronics STPMS1 Datasheet HTML 13Page - STMicroelectronics STPMS1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Application
STPMS1
10/23
Doc ID 16524 Rev 2
Note:
The above listed components refer to typical metering applications. However, STPMS1
operation is not limited to the choice of these external components.
Table 6.
Suggested external components in metering applications
Function
Component
Description
Value
Tolerance
Unit
Calculator
STPMC1
---
---
---
---
Line voltage
interface
Resistor
divider
R to R ratio VRMS=230 V
1:1650
±1 %
50 ppm/°C
V/V
R to R ratio VRMS=110 V
1:830
Line current
interface
Rogowski coil
Current to voltage ratio KS
0.15
±5 %
50 ppm/°C
mV/A
CT
1.7
±5 %
Shunt
0.43
±5 %
Figure 5.
Simplified application schematics for STPMC1 based energy metering
AM07834v1
AM07834v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com