Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPMS1
Description  Dual-channel 1-bit, 2 MHz, 1st order sigma-delta modulator with embedded PGA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1 Datasheet(HTML) 1 Page - STMicroelectronics

  STPMS1 Datasheet HTML 1Page - STMicroelectronics STPMS1 Datasheet HTML 2Page - STMicroelectronics STPMS1 Datasheet HTML 3Page - STMicroelectronics STPMS1 Datasheet HTML 4Page - STMicroelectronics STPMS1 Datasheet HTML 5Page - STMicroelectronics STPMS1 Datasheet HTML 6Page - STMicroelectronics STPMS1 Datasheet HTML 7Page - STMicroelectronics STPMS1 Datasheet HTML 8Page - STMicroelectronics STPMS1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
October 2010
Doc ID 16524 Rev 2
1/23
23
STPMS1
Dual-channel 1-bit, 2 MHz, 1st order
sigma-delta modulator with embedded PGA
Features
■ VCC supply range: 3.2 V - 5.5 V
■ Two 1st order sigma-delta modulators
■ Programmable chopper-stabilized low noise
and low offset amplifier
■ Supports 50-60 Hz AC watt meters
■ Internal low-drop regulator at 3 V (typ.)
■ Precision voltage reference: 1.23 V and 30
ppm/°C (typ.)
Applications
■ Power metering
■ Motor control
■ Industrial process control
■ Weight scale
■ Pressure transducers
Description
The STPMS1, also called a smart-sensor device,
is an ASSP designed for effective measurement
in power line systems utilizing the Rogowski coil,
current transformer, or shunt principle. It is used
in combination with the STPMC1 programmable
poly-phase energy calculator IC, as a building
block for single-phase or poly-phase energy
meters. The STPMS1 is a mixed signal IC
consisting of an analog and a digital section. The
analog section consists of a pre-amplifier and two
1st order
ΣΔ modulator blocks, band-gap voltage
reference, a low-drop voltage regulator, and DC
buffers, while the digital section consists of a clock
generator and output multiplexer. This device is
designed for use in medium resolution
measurement applications when single or double
inputs must be monitored at the same time.
QFN16 (3 x 3 mm.)
Table 1.
Device summary
Order code
Package
Packaging
STPMS1BPQR
QFN16 (3 x 3 mm)
2500 parts per reel
www.st.com


Similar Part No. - STPMS1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMS1 STMICROELECTRONICS-STPMS1 Datasheet
713Kb / 23P
Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
07-Oct-2010
STPMS1BPQR STMICROELECTRONICS-STPMS1BPQR Datasheet
713Kb / 23P
Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
07-Oct-2010
More results

Similar Description - STPMS1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
STMicroelectronics
STPMS2H-PUR STMICROELECTRONICS-STPMS2H-PUR Datasheet
2Mb / 33P
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
11-Oct-2011
STPMS2L-PUR STMICROELECTRONICS-STPMS2L-PUR Datasheet
2Mb / 33P
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
11-Oct-2011
logo
Texas Instruments
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
STMicroelectronics
STPMS1BPQR STMICROELECTRONICS-STPMS1BPQR Datasheet
713Kb / 23P
Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
07-Oct-2010
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com