Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPMS1
Description  Dual-channel 1-bit, 2 MHz, 1st order sigma-delta modulator with embedded PGA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPMS1 Datasheet HTML 13Page - STMicroelectronics STPMS1 Datasheet HTML 14Page - STMicroelectronics STPMS1 Datasheet HTML 15Page - STMicroelectronics STPMS1 Datasheet HTML 16Page - STMicroelectronics STPMS1 Datasheet HTML 17Page - STMicroelectronics STPMS1 Datasheet HTML 18Page - STMicroelectronics STPMS1 Datasheet HTML 19Page - STMicroelectronics STPMS1 Datasheet HTML 20Page - STMicroelectronics STPMS1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
STPMS1
Theory of operation
Doc ID 16524 Rev 2
17/23
8.3
Functional description of the digital part
A digital part is made up of:
clock generator
mode decoder
time multiplex
The clock generator produces all five clocks for the analog module.
The mode decoder generates signals for controlling the temperature coefficient of the on-
chip band-gap voltage reference and the amplification factor of the current channel, clock
prescaler, and voltage channel enable.
The multiplex combines both
ΣΔ input signals for the analog module into one signal DAT
which drives differential outputs DAT and DATn according to:
DAT= if CLK then bsV or else bsC
DATN = NOT(DAT).
Figure 18.
Block diagram of the modulator
AM07837v1
AM07837v1
Table 7.
Modes of operation
MS0
Mode
Description
0
0
ampl = 8
1
1
ampl = 32
Table 8.
Changing of band-gap voltage reference
MS1
Mode
Description
0
0
TC = 100 ppm/°C
CLK
1
TC = 170 ppm/°C
NCLK
2
TC = 125 ppm/°C
1
3
TC = 190 ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com