Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPMS1
Description  Dual-channel 1-bit, 2 MHz, 1st order sigma-delta modulator with embedded PGA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPMS1 Datasheet HTML 5Page - STMicroelectronics STPMS1 Datasheet HTML 6Page - STMicroelectronics STPMS1 Datasheet HTML 7Page - STMicroelectronics STPMS1 Datasheet HTML 8Page - STMicroelectronics STPMS1 Datasheet HTML 9Page - STMicroelectronics STPMS1 Datasheet HTML 10Page - STMicroelectronics STPMS1 Datasheet HTML 11Page - STMicroelectronics STPMS1 Datasheet HTML 12Page - STMicroelectronics STPMS1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
STPMS1
Application
Doc ID 16524 Rev 2
9/23
5
Application
The choice of external components in the transduction section of the application is a crucial
point in the application design, affecting the precision and the resolution of the whole
system.
Among the several considerations, a compromise must be found between the following
needs:
1.
Maximize the signal to noise ratio in the voltage and current channel
2.
Choose the current to voltage conversion ratio Ks and the voltage divider ratio in a way
that calibration can be achieved (see also the AN2299; Fast digital calibration
procedure for STPM01 based energy meters, application note)
3.
Choose Ks to take advantage of the whole current dynamic range according to desired
maximum current and resolution.
To maximize the signal to noise ratio of the current channel the voltage divider resistors ratio
should be as close as possible to that shown in Table 6.
Figure 4 below shows a reference schematic for an application with the following properties:
●
P = 64000 imp/kWh
●
INOM = 5 A
●
IMAX = 60 A
Typical values for the current sensors sensitivity are indicated in Table 6.
Figure 4.
Timing diagram
AM07833v1
AM07833v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com