Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA339BW Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA339BW
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BW Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA339BW Datasheet HTML 51Page - STMicroelectronics STA339BW Datasheet HTML 52Page - STMicroelectronics STA339BW Datasheet HTML 53Page - STMicroelectronics STA339BW Datasheet HTML 54Page - STMicroelectronics STA339BW Datasheet HTML 55Page - STMicroelectronics STA339BW Datasheet HTML 56Page - STMicroelectronics STA339BW Datasheet HTML 57Page - STMicroelectronics STA339BW Datasheet HTML 58Page - STMicroelectronics STA339BW Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
STA339BW
Register description
Doc ID 15251 Rev 5
55/77
Dynamic range compression mode
6.11.5
Limiter 1 Extended attack threshold (addr 0x32)
The extended attack threshold value is determined as follows:
attack threshold = -12 + EATH1 / 4
6.11.6
Limiter 1 Extended release threshold (addr 0x33)
The extended release threshold value is determined as follows:
release threshold = -12 + ERTH1 / 4
Table 70.
Limiter attack threshold as a
function of LxAT bits
(DRC mode)
Table 71.
Limiter release threshold as a
as a function of LxRT bits
(DRC mode)
LxAT[3:0]
DRC (dB relative to Volume)
LxRT[3:0]
DRC (db relative to Volume +
LxAT)
0000
-31
0000
-
∞
0001
-29
0001
-38 dB
0010
-27
0010
-36 dB
0011
-25
0011
-33 dB
0100
-23
0100
-31 dB
0101
-21
0101
-30 dB
0110
-19
0110
-28 dB
0111
-17
0111
-26 dB
1000
-16
1000
-24 dB
1001
-15
1001
-22 dB
1010
-14
1010
-20 dB
1011
-13
1011
-18 dB
1100
-12
1100
-15 dB
1101
-10
1101
-12 dB
1110
-7
1110
-9 dB
1111
-4
1111
-6 dB
D7
D6
D5
D4
D3
D2
D1
D0
EATHEN1
EATH1[6]EATH1[5]EATH1[4]EATH1[3]EATH1[2]EATH1[1]EATH1[0]
TBDTBD
TBDTBD
TBDTBD
TBDTBD
D7
D6
D5
D4
D3
D2
D1
D0
ERTHEN1
ERTH1[6]
ERTH1[5]
ERTH1[4]
ERTH1[3]
ERTH1[2]
ERTH1[1]
ERTH1[0]
TBDTBD
TBDTBD
TBDTBD
TBDTBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com