Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA339BW Datasheet(PDF) 73 Page - STMicroelectronics

Part # STA339BW
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BW Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STA339BW Datasheet HTML 69Page - STMicroelectronics STA339BW Datasheet HTML 70Page - STMicroelectronics STA339BW Datasheet HTML 71Page - STMicroelectronics STA339BW Datasheet HTML 72Page - STMicroelectronics STA339BW Datasheet HTML 73Page - STMicroelectronics STA339BW Datasheet HTML 74Page - STMicroelectronics STA339BW Datasheet HTML 75Page - STMicroelectronics STA339BW Datasheet HTML 76Page - STMicroelectronics STA339BW Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
STA339BW
Package thermal characteristics
Doc ID 15251 Rev 5
73/77
8
Package thermal characteristics
Using a double-layer PCB the thermal resistance junction to ambient with 2 copper ground
areas of 3 x 3 cm2 and with 16 via holes (see Figure 24) is 24 °C/W in natural air convection.
The dissipated power within the device depends primarily on the supply voltage, load
impedance and output modulation level.
Thus, the maximum estimated dissipated power for the STA339BW is:
Figure 24.
Double-layer PCB with 2 copper ground areas and 16 via holes
Figure 25 shows the power derating curve for the PowerSSO-36 slug-down package on
PCBs with copper areas of 2 x 2 cm2 and 3 x 3 cm2.
Figure 25.
PowerSSO-36 power derating curve
2 x 20 W @ 8
Ω, 18 V
Pd max ~ 4 W
2 x 10 W + 1 x 20 W @ 4
Ω, 8 Ω, 18 V
Pd max < 5 W
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA339BW
PSSO36
Copper Area 3x3 cm
and via holes
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA339BW
PSSO36
Copper Area 3x3 cm
and via holes
STA339BW
PowerSSO-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com