Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA339BW Datasheet(PDF) 51 Page - STMicroelectronics

Part # STA339BW
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BW Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STA339BW Datasheet HTML 47Page - STMicroelectronics STA339BW Datasheet HTML 48Page - STMicroelectronics STA339BW Datasheet HTML 49Page - STMicroelectronics STA339BW Datasheet HTML 50Page - STMicroelectronics STA339BW Datasheet HTML 51Page - STMicroelectronics STA339BW Datasheet HTML 52Page - STMicroelectronics STA339BW Datasheet HTML 53Page - STMicroelectronics STA339BW Datasheet HTML 54Page - STMicroelectronics STA339BW Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
STA339BW
Register description
Doc ID 15251 Rev 5
51/77
6.10
Tone control register (addr 0x11)
6.10.1
Tone control
6.11
Dynamic control registers (addr 0x12 - 0x15)
6.11.1
Limiter 1 attack/release rate
6.11.2
Limiter 1 attack/release threshold
6.11.3
Limiter 2 attack/release rate
D7
D6
D5
D4
D3
D2
D1
D0
TTC3
TTC2
TTC1
TTC0
BTC3
BTC2
BTC1
BTC0
01
11
011
1
Table 65.
Tone control boost/cut as a function of BTC and TTC bits
BTC[3:0]/TTC[3:0]
Boost/Cut
0000
-12 dB
0001
-12 dB
……
0111
-4 dB
0110
-2 dB
0111
0 dB
1000
+2 dB
1001
+4 dB
……
1101
+12 dB
1110
+12 dB
1111
+12 dB
D7
D6
D5
D4
D3
D2
D1
D0
L1A3
L1A2
L1A1
L1A0
L1R3
L1R2
L1R1
L1R0
01
10
101
0
D7
D6
D5
D4
D3
D2
D1
D0
L1AT3
L1AT2
L1AT1
L1AT0
L1RT3
L1RT2
L1RT1
L1RT0
01
10
100
1
D7
D6
D5
D4
D3
D2
D1
D0
L2A3
L2A2
L2A1
L2A0
L2R3
L2R2
L2R1
L2R0
01
10
101
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com