Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA339BW Datasheet(PDF) 67 Page - STMicroelectronics

Part # STA339BW
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BW Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STA339BW Datasheet HTML 63Page - STMicroelectronics STA339BW Datasheet HTML 64Page - STMicroelectronics STA339BW Datasheet HTML 65Page - STMicroelectronics STA339BW Datasheet HTML 66Page - STMicroelectronics STA339BW Datasheet HTML 67Page - STMicroelectronics STA339BW Datasheet HTML 68Page - STMicroelectronics STA339BW Datasheet HTML 69Page - STMicroelectronics STA339BW Datasheet HTML 70Page - STMicroelectronics STA339BW Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
STA339BW
Register description
Doc ID 15251 Rev 5
67/77
A first-order filter is suggested to guarantee that for every
ω0 the corresponding low-pass
filter obtained as difference (as shown in Figure 20) will have a symmetric (relative to HP
filter) frequency response, and the corresponding recombination after the DRC has low
ripple. Second-order filters can be used as well, but in this case the filter shape must be
carefully choosen to provide good low pass response and minimum ripple recombination.
For second-order is not possible to give a closed formula to get the best coefficients, but
empirical adjustment should be done.
DRC settings
The DRC blocks used by B2DRC are the same as those described in Chapter 6.11. B2DRC
configure automatically the DRC blocks in anticlipping mode. Attack and release thresholds
can be selected using registers 0x32, 0x33, 0x34, 0x35, while attack and release rates are
configured by registers 0x12 and 0x14.
Band downmixing
The low-frequency band is down-mixed to the left and right channels at the B2DRC output.
Channel volume can be used to weight the bands recombination to fine tune the overall
frequency response.
6.18.2
EQ DRC mode
Setting MDRC = 01, it is possible to add a programmable biquad (the XO biquad at RAM
addresses 0x28 to 0x2C is used for this purpose) to the Limiter/compressor measure path
(side chain). Using EQDRC the peak detector input can be shaped in frequency using the
programmable biquad. For example if a +2 dB bass boost is applied (using a low shelf filter
for example), the effect is that the EQDRC out will limit bass frequencies to -2 dB below the
selected attack treshold.
Generally speaking, if the biquad boosts frequency f with an amount of X dB, the level of a
compressed sinusoid at the output will be TH - X, where TH is the selected attack threshold.
Note:
EQDRC works only if the biquad frequency response magnitude is >= 0 dB for every
frequency.
Figure 21.
EQDRC scheme
Channel in
Peak
detector
Attenuation
calculator
Atten
Channel in
BIQUAD
Peak
detector
Attenuation
calculator
Atten
EQDRC
Standard DRC
Channel in
Peak
detector
Attenuation
calculator
Atten
Channel in
BIQUAD
Peak
detector
Attenuation
calculator
Atten
EQDRC
Standard DRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com