Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA339BW Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA339BW
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BW Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA339BW Datasheet HTML 52Page - STMicroelectronics STA339BW Datasheet HTML 53Page - STMicroelectronics STA339BW Datasheet HTML 54Page - STMicroelectronics STA339BW Datasheet HTML 55Page - STMicroelectronics STA339BW Datasheet HTML 56Page - STMicroelectronics STA339BW Datasheet HTML 57Page - STMicroelectronics STA339BW Datasheet HTML 58Page - STMicroelectronics STA339BW Datasheet HTML 59Page - STMicroelectronics STA339BW Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
Register description
STA339BW
56/77
Doc ID 15251 Rev 5
6.11.7
Limiter 2 Extended attack threshold (addr 0x34)
The extended attack threshold value is determined as follows:
attack threshold = -12 + EATH2 / 4
6.11.8
Limiter 2 Extended release threshold (addr 0x35)
The extended release threshold value is determined as follows:
release threshold = -12 + ERTH2 / 4
Note:
Attack/release threshold step is 0.125 dB in the range -12 dB and 0 dB.
6.12
User-defined coefficient control registers (addr 0x16 - 0x26)
6.12.1
Coefficient address register
6.12.2
Coefficient b1 data register bits 23:16
6.12.3
Coefficient b1 data register bits 15:8
6.12.4
Coefficient b1 data register bits 7:0
D7
D6
D5
D4
D3
D2
D1
D0
EATHEN2
EATH2[6]EATH2[5]EATH2[4]EATH2[3]EATH2[2]EATH2[1]EATH2[0]
TBDTBD
TBDTBD
TBDTBD
TBDTBD
D7
D6
D5
D4
D3
D2
D1
D0
ERTHEN2
ERTH2[6]
ERTH2[5]
ERTH2[4]
ERTH2[3]
ERTH2[2]
ERTH2[1]
ERTH2[0]
TBDTBD
TBDTBD
TBDTBD
TBDTBD
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
0
0
0
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00
00
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B15
C1B14
C1B13
C1B12
C1B11
C1B10
C1B9
C1B8
00
00
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B7
C1B6
C1B5
C1B4
C1B3
C1B2
C1B1
C1B0
00
00
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com