Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SAN Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA540SAN
Description  4 x 10-watt dual/quad power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SAN Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA540SAN Datasheet HTML 10Page - STMicroelectronics STA540SAN Datasheet HTML 11Page - STMicroelectronics STA540SAN Datasheet HTML 12Page - STMicroelectronics STA540SAN Datasheet HTML 13Page - STMicroelectronics STA540SAN Datasheet HTML 14Page - STMicroelectronics STA540SAN Datasheet HTML 15Page - STMicroelectronics STA540SAN Datasheet HTML 16Page - STMicroelectronics STA540SAN Datasheet HTML 17Page - STMicroelectronics STA540SAN Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Electrical characteristics curves
STA540SAN
14/26
Doc ID 18306 Rev 1
Figure 17.
Output power vs supply voltage
Figure 18.
Distortion vs output power
Figure 19.
Output power vs supply voltage
Figure 20.
Crosstalk vs frequency
0
12
1
2
3
4
5
6
7
8
9
10
11
+8
+24
+10
+12
+14
+16
+18
+20
+22
Po(W)
Vs(V)
T.H.D=1%
T.H.D=10%
S.E.
Rl=8ohm
f=1KHz
0
12
1
2
3
4
5
6
7
8
9
10
11
+8
+24
+10
+12
+14
+16
+18
+20
+22
Po(W)
Vs(V)
T.H.D=1%
T.H.D=10%
S.E.
Rl=8ohm
f=1KHz
Figure 21.
Output power vs voltage
Figure 22.
Standby attenuation vs threshold
voltage
0
35
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
+8
+22
+10
+12
+14
+16
+18
+20
BTL
Rl=8ohm
f=1KHz
Po(W)
Vs(V)
T.H.D=1%
T.H.D=10%
0
35
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
+8
+22
+10
+12
+14
+16
+18
+20
BTL
Rl=8ohm
f=1KHz
Po(W)
Vs(V)
T.H.D=1%
T.H.D=10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com