Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SAN Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA540SAN
Description  4 x 10-watt dual/quad power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SAN Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA540SAN Datasheet HTML 17Page - STMicroelectronics STA540SAN Datasheet HTML 18Page - STMicroelectronics STA540SAN Datasheet HTML 19Page - STMicroelectronics STA540SAN Datasheet HTML 20Page - STMicroelectronics STA540SAN Datasheet HTML 21Page - STMicroelectronics STA540SAN Datasheet HTML 22Page - STMicroelectronics STA540SAN Datasheet HTML 23Page - STMicroelectronics STA540SAN Datasheet HTML 24Page - STMicroelectronics STA540SAN Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STA540SAN
General structure
Doc ID 18306 Rev 1
21/26
8.7.2
Thermal shutdown
With the thermal shutdown feature, the output (pin 10) signals the proximity of the junction
temperature to the shutdown threshold. Typically, current sinking at pin 10 starts at
approximately 10 °C before the shutdown threshold is reached.
Figure 30.
Output fault waveforms
Figure 31.
Fault waveforms
10
10
SOFT SHORT
OUT TO Vs SHORT
FAULT DETECTION
CORRECT TURN-ON
OUT TO GND SHORT
t
t
t
ST_BY PIN
VOLTAGE
2V
OUTPUT
WAVEFORM
Vpin 10
CHECK AT TURN-ON
(TEST PHASE)
SHORT TO GND
OR TO Vs
D05AU1603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com