Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SAN Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA540SAN
Description  4 x 10-watt dual/quad power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SAN Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA540SAN Datasheet HTML 15Page - STMicroelectronics STA540SAN Datasheet HTML 16Page - STMicroelectronics STA540SAN Datasheet HTML 17Page - STMicroelectronics STA540SAN Datasheet HTML 18Page - STMicroelectronics STA540SAN Datasheet HTML 19Page - STMicroelectronics STA540SAN Datasheet HTML 20Page - STMicroelectronics STA540SAN Datasheet HTML 21Page - STMicroelectronics STA540SAN Datasheet HTML 22Page - STMicroelectronics STA540SAN Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STA540SAN
General structure
Doc ID 18306 Rev 1
19/26
8.6
Output stage
The fully complementary output stage is possible with the power ICV PNP component.
This novel design is based on the connection shown in Figure 27 and allows the full
exploitation of its capabilities. The clear advantages this new approach has over classical
output stages are described in the following sections.
8.6.1
Rail-to-rail output voltage swing with no need of bootstrap capacitors
The output swing is limited only by the VCEsat of the output transistors, which are in the
range of 0.3
Ω (Rsat) each.
Classical solutions adopting composite PNP-NPN for the upper output stage have higher
saturation loss on the top side of the waveform.
This unbalanced saturation causes a significant power reduction. The only way to recover
power includes the addition of expensive bootstrap capacitors.
8.6.2
Absolute stability without any external compensation
With reference to the circuit shown in Figure 27, the gain Vout/Vin is greater than unity, that
is, approximately 1+R2/R1. The DC output (VCC/2) is fixed by an auxiliary amplifier common
to all the channels.
By controlling the amount of this local feedback, it is possible to force the loop gain (A*
β) to
less than unity at a frequency where the phase shift is 180 °. This means that the output
buffer is intrinsically stable and not prone to oscillation.
The above feature has been achieved even though there is very low closed-loop gain of the
amplifier.
This is in contrast with the classical PNP-NPN stage where the solution adopted for
reducing the gain at high frequencies makes use of external RC networks, namely the
Boucherot cells.
Figure 27.
The new output stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com