Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SAN Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA540SAN
Description  4 x 10-watt dual/quad power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SAN Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA540SAN Datasheet HTML 16Page - STMicroelectronics STA540SAN Datasheet HTML 17Page - STMicroelectronics STA540SAN Datasheet HTML 18Page - STMicroelectronics STA540SAN Datasheet HTML 19Page - STMicroelectronics STA540SAN Datasheet HTML 20Page - STMicroelectronics STA540SAN Datasheet HTML 21Page - STMicroelectronics STA540SAN Datasheet HTML 22Page - STMicroelectronics STA540SAN Datasheet HTML 23Page - STMicroelectronics STA540SAN Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
General structure
STA540SAN
20/26
Doc ID 18306 Rev 1
8.7
Short-circuit protection
Reliable and safe operation in the presence of all kinds of short circuits involving the outputs
is assured by built-in protection. Additionally, a soft short-condition is signalled out (to the
AC/DC short circuit to GND, to VS, and across the speaker) during the turn-on phase to
ensure correct operation of the device and the speakers.
This particular kind of protection acts in such a way as to prevent the device being turned on
(by ST_BY) when a resistive path (less than 16
Ω) is present between the output and GND.
It is important to have the external current source driving the ST_BY pin limited to 5 mA.
This is because the associated circuitry is normally disabled with currents >5 mA.
This extra function becomes particularly attractive when, in the single-ended configuration,
one capacitor is shared between two outputs as shown in Figure 28.
Figure 28.
Sharing a capacitor
If the output capacitor Cout is shorted for any reason, the loudspeaker is not damaged.
8.7.1
Diagnostic facilities (pin 10)
The STA540SAN is equipped with diagnostic circuitry that is able to detect the following
events:
Clipping in the output signal
Thermal shutdown
Output fault:
–
short to GND
–
short to VS
–
soft short at turn on
The information is available across an open collector output (pin 10) through a current
sinking when the event is detected.
Figure 29.
Clipping detection waveforms
A current sinking at pin 10 is provided when a certain distortion level is reached at each
output. This function initiates a gain-compression facility whenever the amplifier is
overdriven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com