Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # BAT30F3
Description  Small signal Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BAT30F3 Datasheet HTML 2Page - STMicroelectronics BAT30F3 Datasheet HTML 3Page - STMicroelectronics BAT30F3 Datasheet HTML 4Page - STMicroelectronics BAT30F3 Datasheet HTML 5Page - STMicroelectronics BAT30F3 Datasheet HTML 6Page - STMicroelectronics BAT30F3 Datasheet HTML 7Page - STMicroelectronics BAT30F3 Datasheet HTML 8Page - STMicroelectronics BAT30F3 Datasheet HTML 9Page - STMicroelectronics BAT30F3 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PCB recommendations
BAT30F3
6/10
Doc ID 16915 Rev 2
Figure 9.
Flip Chip tape and reel specification (dimensions in mm)
4
PCB recommendations
4.1
Design
For optimum electrical performance and highly reliable solder joints, STMicroelectronics
recommends the PCB design recommendations listed in Table 3.
Note:
A gold layer finishing on the PCB pad that is too thick (0.2 µm maximum) is not
recommended (low joint reliability).
User direction of unreeling
All dimensions in mm
4.0 ± 0.1
2.0 ± 0.05
2.0 ± 0.1
Ø 1.55 ± 0.05
0.43 ± 0.1
0.57 ± 0.05
0.20 ± 0.05
Table 3.
PCB design recommendations for solder bar pitch 400 µm
For NSMD PCB
non solder mask defined
Oblong pad: 370 x 180 µm
– Micro via SSBU allowed
– Micro via SBU to be avoided
– Micro via SBU filled (under qualification)
Track:
– Only one track per pad
– Maximum track width = 100 µm
Track layout must be symmetrical to the die axis (to homogenize stress
and welding attraction during reflow assembly)
For SMD PCB
solder mask defined
Oblong pad:
– Micro via SSBU allowed
– Micro via SBU to be avoided
– Micro via SBU filled (under qualification)
PCB Pad Finishing
Cu – Ni (2-6 µm) - Au (0.2 µm max)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com