Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT30F3
Description  Small signal Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30F3 Datasheet(HTML) 2 Page - STMicroelectronics

  BAT30F3 Datasheet HTML 1Page - STMicroelectronics BAT30F3 Datasheet HTML 2Page - STMicroelectronics BAT30F3 Datasheet HTML 3Page - STMicroelectronics BAT30F3 Datasheet HTML 4Page - STMicroelectronics BAT30F3 Datasheet HTML 5Page - STMicroelectronics BAT30F3 Datasheet HTML 6Page - STMicroelectronics BAT30F3 Datasheet HTML 7Page - STMicroelectronics BAT30F3 Datasheet HTML 8Page - STMicroelectronics BAT30F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
BAT30F3
2/10
Doc ID 16915 Rev 2
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage:
IEC 61000-4-2 air discharge
IEC 61000-4-2 contact discharge
±2
±2
kV
VRRM
Repetitive peak reverse voltage
20
V
Tstg
Storage temperature range(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
-55 to +150
°C
Top
Operating junction temperature range
-30 to +85
°C
Table 2.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage current
25 °C
VR = 6 V
-
-
2
µA
VR = 20 V
-
-
6
55 °C
VR = 6 V
-
-
20
VR = 20 V
-
-
55
85 °C
VR = 6 V
-
-
145
VR = 20 V
-
-
360
VF
Forward voltage drop
25 °C
IF = 0.1 mA
-
-
200
mV
IF = 1 mA
-
-
270
IF = 10 mA
-
-
340
IF = 100 mA
-
-
440
IF = 200 mA
-
-
500
IF = 300 mA
-
-
560
- 30 °C
IF = 0.1 mA
-
-
300
IF = 1 mA
-
-
355
IF = 10 mA
-
-
415
IF = 100 mA
-
-
495
IF = 200 mA
-
-
545
IF = 300 mA
-
-
600
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com