Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30F3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # BAT30F3
Description  Small signal Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30F3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button BAT30F3 Datasheet HTML 2Page - STMicroelectronics BAT30F3 Datasheet HTML 3Page - STMicroelectronics BAT30F3 Datasheet HTML 4Page - STMicroelectronics BAT30F3 Datasheet HTML 5Page - STMicroelectronics BAT30F3 Datasheet HTML 6Page - STMicroelectronics BAT30F3 Datasheet HTML 7Page - STMicroelectronics BAT30F3 Datasheet HTML 8Page - STMicroelectronics BAT30F3 Datasheet HTML 9Page - STMicroelectronics BAT30F3 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PCB recommendations
BAT30F3
8/10
Doc ID 16915 Rev 2
4.2
Assembly
For chip scale package mounting on the PCB, STMicroelectronics recommends the use of a
solder stencil aperture of 330 x 330 µm maximum and a typical stencil thickness of 75 or
80 µm. Chip scale packages are fully compatible with the use of near eutectic 95.5 Sn, 4 Ag,
0.5 Cu solder paste with no-clean flux. ST's recommendations for chip scale package board
mounting are illustrated on the soldering reflow profile shown in Figure 11.
Figure 11.
ST ECOPACK® recommended soldering reflow profile for PCB mounting
Dwell time in the soldering zone (with temperature higher than 220 °C) has to be kept as
short as possible to prevent component and substrate damage. Peak temperature must not
exceed 260 °C. Controlled atmosphere (N2 or N2H2) is recommended during the whole
reflow, especially above 150 °C.
Chip scale packages are able to withstand three times the previous recommended reflow
profile in order to be compatible with a double reflow when SMDs are mounted on both sides
of the PCB and one additional repair.
A maximum of three soldering reflows are allowed for these lead-free packages (with repair
step included).
The use of a no-clean flux is highly recommended to avoid any cleaning operation. To
prevent any bump cracks, ultrasonic cleaning methods are not recommended.
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com