Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT30F3
Description  Small signal Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30F3 Datasheet(HTML) 1 Page - STMicroelectronics

  BAT30F3 Datasheet HTML 1Page - STMicroelectronics BAT30F3 Datasheet HTML 2Page - STMicroelectronics BAT30F3 Datasheet HTML 3Page - STMicroelectronics BAT30F3 Datasheet HTML 4Page - STMicroelectronics BAT30F3 Datasheet HTML 5Page - STMicroelectronics BAT30F3 Datasheet HTML 6Page - STMicroelectronics BAT30F3 Datasheet HTML 7Page - STMicroelectronics BAT30F3 Datasheet HTML 8Page - STMicroelectronics BAT30F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2010
Doc ID 16915 Rev 2
1/10
10
BAT30F3
Small signal Schottky diode
Features
■ very low conduction losses
■ negligible switching losses
■ low capacitance diode
■ Flip Chip, 2-bump package
Complies with the following standards
■ IEC 61000-4-2 level 1:
– ±2kV (air discharge)
– ±2kV (contact discharge)
Description
The BAT30F3 is a Schottky diode in a 2-bump,
Flip-Chip package.
This device is specially suited for switching mode
applications needing a low forward voltage drop
diode.
The electrical parameters are guaranteed across
the operating temperature range
(- 30 °C to 85 °C).
Figure 1.
Pin configuration (bump side)
Figure 2.
Schematic
Flip Chip
(2 bumps)
1
A
B
1
A
B
www.st.com


Similar Part No. - BAT30F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT30F4 STMICROELECTRONICS-BAT30F4 Datasheet
175Kb / 10P
Negligible switching losses
26-Feb-2016
BAT30F4 STMICROELECTRONICS-BAT30F4 Datasheet
220Kb / 11P
30 V signal Schottky diode
08-Sep-2021
BAT30F4 STMICROELECTRONICS-BAT30F4_V01 Datasheet
220Kb / 11P
30 V signal Schottky diode
08-Sep-2021
BAT30FILM STMICROELECTRONICS-BAT30FILM Datasheet
157Kb / 12P
Small signal Schotky diodes
24-Jul-2006
BAT30FILM STMICROELECTRONICS-BAT30FILM Datasheet
168Kb / 14P
Small signal Schottky diodes
13-Oct-2009
More results

Similar Description - BAT30F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com