Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAT30F3
Description  Small signal Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30F3 Datasheet(HTML) 3 Page - STMicroelectronics

  BAT30F3 Datasheet HTML 1Page - STMicroelectronics BAT30F3 Datasheet HTML 2Page - STMicroelectronics BAT30F3 Datasheet HTML 3Page - STMicroelectronics BAT30F3 Datasheet HTML 4Page - STMicroelectronics BAT30F3 Datasheet HTML 5Page - STMicroelectronics BAT30F3 Datasheet HTML 6Page - STMicroelectronics BAT30F3 Datasheet HTML 7Page - STMicroelectronics BAT30F3 Datasheet HTML 8Page - STMicroelectronics BAT30F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BAT30F3
Characteristics
Doc ID 16915 Rev 2
3/10
Figure 3.
Leakage current versus reverse
applied voltage (typical values)
Figure 4.
Forward voltage drop versus
forward current (typical values,
positive temperatures)
I (µA)
R
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
5
10
15
20
25
30
Tj=85°C (Maximum specified values)
T
j=-30°C
T
j=25°C
T
j=85°C
T
j=55°C
T
j=0°C
V (V)
R
1.E-04
1.E-02
1.E-01
1.E+00
1.E-03
0.0
0.1
0.2
0.3
0.4
0.6
0.5
0.7
I
(A)
FM
V
(V)
FM
Tj = 55 °C
Tj = 85 °C
Tj = 25 °C
Figure 5.
Forward voltage drop versus
forward current (typical values,
negative temperatures)
Figure 6.
Relative variation of reverse
leakage current versus junction
temperature (typical values)
I
(A)
FM
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.2
0.3
0.4
0.5
0.6
0.7
Tj=-30°C (Maximum specified values)
T
j=-20°C
T
j=-20°C
T
j=-10°C
T
j=-10°C
T
j=-30°C
T
j=-30°C
V
(V)
FM
1.E-02
1.E+00
1.E+01
1.E-01
1.E+02
Tj(°C)
-30
-20
0
20
40
60
80
-10
10
30
50
70
90
I[Tj] / I [Tj = 25 °C]
RR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com