Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 139Page - STMicroelectronics ST10F276E Datasheet HTML 140Page - STMicroelectronics ST10F276E Datasheet HTML 141Page - STMicroelectronics ST10F276E Datasheet HTML 142Page - STMicroelectronics ST10F276E Datasheet HTML 143Page - STMicroelectronics ST10F276E Datasheet HTML 144Page - STMicroelectronics ST10F276E Datasheet HTML 145Page - STMicroelectronics ST10F276E Datasheet HTML 146Page - STMicroelectronics ST10F276E Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 235 page
background image
ST10F276E
Register set
Doc ID 12303 Rev 3
143/235
DP4 b
FFCAh
E5h
Port 4 direction control register
- - 00h
DP6 b
FFCEh
E7h
Port 6 direction control register
- - 00h
DP7 b
FFD2h
E9h
Port 7 direction control register
- - 00h
DP8 b
FFD6h
EBh
Port 8 direction control register
- - 00h
DPP0
FE00h
00h
CPU data page pointer 0 register (10-bit)
0000h
DPP1
FE02h
01h
CPU data page pointer 1 register (10-bit)
0001h
DPP2
FE04h
02h
CPU data page pointer 2 register (10-bit)
0002h
DPP3
FE06h
03h
CPU data page pointer 3 register (10-bit)
0003h
EMUCON
FE0Ah
05h
Emulation control register
- - XXh
EXICON b
F1C0hE
E0h
External interrupt control register
0000h
EXISEL b
F1DAhE
EDh
External interrupt source selection register
0000h
IDCHIP
F07ChE
3Eh
Device identifier register (n is the device revision)
114nh
IDMANUF
F07EhE
3Fh
Manufacturer identifier register
0403h
IDMEM
F07AhE
3Dh
On-chip memory identifier register
30D0h
IDPROG
F078hE
3Ch
Programming voltage identifier register
0040h
IDX0 b
FF08h
84h
MAC unit address pointer 0
0000h
IDX1 b
FF0Ah
85h
MAC unit address pointer 1
0000h
MAH
FE5Eh
2Fh
MAC unit accumulator - High word
0000h
MAL
FE5Ch
2Eh
MAC unit accumulator - Low word
0000h
MCW b
FFDCh
EEh
MAC unit control word
0000h
MDC b
FF0Eh
87h
CPU multiply divide control register
0000h
MDH
FE0Ch
06h
CPU multiply divide register – High word
0000h
MDL
FE0Eh
07h
CPU multiply divide register – Low word
0000h
MRW b
FFDAh
EDh
MAC unit repeat word
0000h
MSW b
FFDEh
EFh
MAC unit status word
0200h
ODP2 b
F1C2hE
E1h
Port2 open drain control register
0000h
ODP3 b
F1C6hE
E3h
Port3 open drain control register
0000h
ODP4 b
F1CAhE
E5h
Port4 open drain control register
- - 00h
ODP6 b
F1CEhE
E7h
Port6 open drain control register
- - 00h
ODP7 b
F1D2hE
E9h
Port7 open drain control register
- - 00h
ODP8 b
F1D6hE
EBh
Port8 open drain control register
- - 00h
ONES b
FF1Eh
8Fh
Constant value 1’s register (read-only)
FFFFh
P0H b
FF02h
81h
Port0 high register (upper half of PORT0)
- - 00h
P0L b
FF00h
80h
Port0 low register (lower half of PORT0)
- - 00h
Table 67.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com