Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 143Page - STMicroelectronics ST10F276E Datasheet HTML 144Page - STMicroelectronics ST10F276E Datasheet HTML 145Page - STMicroelectronics ST10F276E Datasheet HTML 146Page - STMicroelectronics ST10F276E Datasheet HTML 147Page - STMicroelectronics ST10F276E Datasheet HTML 148Page - STMicroelectronics ST10F276E Datasheet HTML 149Page - STMicroelectronics ST10F276E Datasheet HTML 150Page - STMicroelectronics ST10F276E Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 235 page
background image
ST10F276E
Register set
Doc ID 12303 Rev 3
147/235
Note:
1
The system configuration is selected during reset. SYSCON reset value is 0000 0xx0 x000
0000b.
2
Reset Value depends on different triggered reset event.
3
The XPnIC Interrupt Control Registers control interrupt requests from integrated X-Bus
peripherals. Some software controlled interrupt requests may be generated by setting the
XPnIR bits (of XPnIC register) of the unused X-Peripheral nodes.
22.5
Special function registers ordered by address
Table 68 lists by order of their physical addresses all SFRs which are implemented in the
ST10F276E.
Bit-addressable SFRs are marked with the letter “b” in column “Name”.
SFRs within the Extended SFR-Space (ESFRs) are marked with the letter “E” in column
“Physical Address”.
Table 68.
Special function registers ordered by address
Name
Physical
address
8-bit
addres
s
Description
Reset
value
QX0
F000hE
00h
MAC unit offset register X0
0000h
QX1
F002hE
01h
MAC unit offset register X1
0000h
QR0
F004hE
02h
MAC unit offset register R0
0000h
QR1
F006hE
03h
MAC unit offset register R1
0000h
XADRS3
F01ChE
0Eh
XPER address select register 3
800Bh
XPERCON
F024hE
12h
XPER configuration register
- - 05h
PT0
F030hE
18h
PWM module up/down counter 0
0000h
PT1
F032hE
19h
PWM module up/down counter 1
0000h
PT2
F034hE
1Ah
PWM module up/down counter 2
0000h
PT3
F036hE
1Bh
PWM module up/down counter 3
0000h
PP0
F038hE
1Ch
PWM module period register 0
0000h
PP1
F03AhE
1Dh
PWM module period register 1
0000h
PP2
F03ChE
1Eh
PWM module period register 2
0000h
PP3
F03EhE
1Fh
PWM module period register 3
0000h
T7
F050hE
28h
CAPCOM timer 7 register
0000h
T8
F052hE
29h
CAPCOM timer 8 register
0000h
T7REL
F054hE
2Ah
CAPCOM timer 7 reload register
0000h
T8REL
F056hE
2Bh
CAPCOM timer 8 reload register
0000h
IDPROG
F078hE
3Ch
Programming voltage identifier register
0040h
IDMEM
F07AhE
3Dh
On-chip memory identifier register
30D0h
IDCHIP
F07ChE
3Eh
Device identifier register (n is the device revision)
114nh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com